Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

551-3107 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 551-3107
Description  3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-3107 Datasheet(HTML) 1 Page - Dialight Corporation

  551-3107 Datasheet HTML 1Page - Dialight Corporation 551-3107 Datasheet HTML 2Page - Dialight Corporation 551-3107 Datasheet HTML 3Page - Dialight Corporation 551-3107 Datasheet HTML 4Page - Dialight Corporation 551-3107 Datasheet HTML 5Page - Dialight Corporation 551-3107 Datasheet HTML 6Page - Dialight Corporation 551-3107 Datasheet HTML 7Page - Dialight Corporation 551-3107 Datasheet HTML 8Page - Dialight Corporation 551-3107 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4-17
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm
LED CBI
® Circuit Board Indicator
.200” High LED Centerline
551-xx07
2.54
[.100]
6.35
[.250]
4.4
[.175]
2.54
[.100]
2.89
[.114]
90
°
RECOMMENDED P.C. BOARD LAYOUT
7.11
[.280]
2.54
[.100]
1.09
[.043]
.508
[.020]
4.32
[.170]
5.08
[.200]
.508
[.020]
3.68
[.145]
CATHODE
Red/Yel Cathode for
Bi-color
PART NO.
COLOR
HIGH EFFICIENCY
551-0207
Green
551-0307
Yellow
551-0407
Red
551-0807
Blue³
551-2507
Orange
INTEGRAL RESISTOR, 5 VOLTS
551-0507
Red
551-0607
Green
551-0707
Yellow
LOW CURRENT
551-1107
Red
551-1207
Yellow
551-1307
Green
BI-COLOR
551-3007
Red/Green
551-3107
Yellow/Green
Features
• Multiple CBIs form horizontal LED arrays on 4.45mm
(0.175”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.188 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with:
551-xx07-004 QuadBlock
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
NEW
Standard Polarity shown in drawing: Cathode right
To order any of the 551-xx07 part numbers with
Reverse Polarity (Cathode Left), please add -010 to
the part numbers shown above.
5 5 1
x x 0 7
0 1 0
Reverse Polarity Option
1) Cathode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Series
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 551-3107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-3107 DIALIGHT-551-3107 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-3107 DIALIGHT-551-3107 Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-3107-004 DIALIGHT-551-3107-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-3107F DIALIGHT-551-3107F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 551-3107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
logo
Bedford Opto Technology...
ORE9901 BOT-ORE9901 Datasheet
50Kb / 2P
   3mm LED CIRCUIT INDICATOR
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com