Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7104ABI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7104ABI-TRG
Description  1.5MHz, 1A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7104ABI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7104ABI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7104ABI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2012
APW7104A
www.anpec.com.tw
4
Typical Operating Characteristics
(Refer to the application circuit in the section “Typical Application Circuits”, V
IN=3.6V, VOUT=1.8V, TA=25
oC unless
otherwise specified )
Supply Voltage, V
IN(V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage vs. ON Resistance
R
N-FET
R
P-FET
Supply Voltage v.s. Quiescent Current
Supply Voltage, V
IN(V)
0
5
10
15
20
25
30
35
40
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage v.s. Reference Voltage
Supply Voltage, V
IN (V)
0.55
0.56
0.57
0.58
0.59
0.6
0.61
0.62
0.63
0.64
0.65
2
2.5
3
3.5
4
4.5
5
5.5
6
Efficiency vs. Load Current
Load Current, IOUT(A)
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3
0.4
0.5 0.6
0.7
0.8
0.9
1
VIN=3.3V
VIN=5V
VOUT = 1.8V
L = 2.2µH
COUT = 10µF
Efficiency vs. Load Current
Load Current, IOUT(A)
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2 0.3 0.4 0.5 0.6
0.7 0.8 0.9
1
VIN=3.3V
VIN=5V
VOUT = 1.2V
L = 2.2µH
COUT = 10µF


Similar Part No. - APW7104ABI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results

Similar Description - APW7104ABI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7290 ANPEC-APW7290 Datasheet
316Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com