Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43P3632G-75I Datasheet(PDF) 6 Page - AMIC Technology

Part # A43P3632G-75I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43P3632G-75I Datasheet(HTML) 6 Page - AMIC Technology

Back Button A43P3632G-75I Datasheet HTML 2Page - AMIC Technology A43P3632G-75I Datasheet HTML 3Page - AMIC Technology A43P3632G-75I Datasheet HTML 4Page - AMIC Technology A43P3632G-75I Datasheet HTML 5Page - AMIC Technology A43P3632G-75I Datasheet HTML 6Page - AMIC Technology A43P3632G-75I Datasheet HTML 7Page - AMIC Technology A43P3632G-75I Datasheet HTML 8Page - AMIC Technology A43P3632G-75I Datasheet HTML 9Page - AMIC Technology A43P3632G-75I Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
5
AMIC Technology, Corp.
Decoupling Capacitance Guide Line
Recommended decoupling capacitance added to power line at board.
Parameter
Symbol
Value
Unit
Decoupling Capacitance between VDD and VSS
CDC1
0.1 + 0.01
μF
Decoupling Capacitance between VDDQ and VSSQ
CDC2
0.1 + 0.01
μF
Note:
1. VDD and VDDQ pins are separated each other.
All VDD pins are connected in chip. All VDDQ pins are connected in chip.
2. VSS and VSSQ pins are separated each other
All VSS pins are connected in chip. All VSSQ pins are connected in chip.
DC Electrical Characteristics
(Recommended operating condition unless otherwise noted, TA = 0
°C to 70°C TA = -40ºC to +85ºC)
Speed
Symbol
Parameter
Test Conditions
-6
-7
Unit
Notes
Icc1
Operating Current
(One Bank Active)
Burst Length = 1
tRC
≥ tRC(min), tCC ≥ tCC(min), IOL = 0mA
70
70
mA
1
Icc2 P
CKE
≤ VIL(max), tCC = 15ns
2
Icc2 PS
Precharge Standby Current
in power-down mode
CKE
≤ VIL(max), tCC = ∞
1
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
20
ICC2NS
Precharge Standby Current
in non power-down mode
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
15
mA
ICC3N
Active Standby current in
non power-down mode
(One Bank Active)
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
30
mA
ICC4
Operating Current
(Burst Mode)
IOL = 0mA, Page Burst
All bank Activated, tCCD = tCCD (min)
100
100
mA
1
ICC5
Refresh Current
tRC
≥ tRC (min)
130
130
mA
2
ICC6
Self Refresh Current
CKE
≤ 0.2V
1.5
mA
Note:
1. Measured with outputs open. Addresses are changed only one time during tCC(min).
2. Refresh period is 64ms. Addresses are changed only one time during tCC(min).


Similar Part No. - A43P3632G-75I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75 AMICC-A43P26161G-75 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75F AMICC-A43P26161G-75F Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75U AMICC-A43P26161G-75U Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75UF AMICC-A43P26161G-75UF Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43P3632G-75I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com