Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7108 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7108 Datasheet HTML 1Page - Anpec Electronics Coropration APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Dual Mobile-Friendly PWM Controller
The APW7108 is a dual-channel, constant on-time, and
synchronous PWM controller which drives dual N-
channel MOSFETs for each channel. The APW7108 steps
down high voltage of a battery to generate low-voltage
chipset or RAM supplies in notebook computers.
The APW7108 provides excellent transient response and
accurate DC voltage output in either PFM or PWM
mode. In PFM mode, the APW7108 provides very high
efficiency over light to heavy loads with loading-modu-
lated switching frequencies. The Forced-PWM mode
works nearly at constant frequency for low-noise
requirements.
The APW7108 is equipped with accurate current-limit,
output under-voltag, and output over-voltage protections,
perfect for NB applications. A Power-On-Reset function
monitors the voltage on V
CC to prevent wrong opera-
tion during power on. A soft-start ramps up the output
voltage with programmable slew rate to reduce the
start-up current. A soft-stop function actively discharges
the output capacitors with controlled reverse inductor
current. At the end of the soft-stop, the APW7108 forces
LGATE high to prevent over-voltage in shutdown. The
APW7108 has individual enable controls for each
channel. Pulling both EN pin low shuts down the whole
chip with low quiescent current close to zero.
The APW7108 is available in SSOP-28 and QFN4x4-24
packages.
Features
General Description
Adjustable Output Voltage up to 5.5V
- 0.9V Reference Voltage
- ±1% Accuracy Over Temperature
Operates from an Input Battery Voltage Range of
5V to 24V or from 3.3V/5V System Rail
Power-On-Reset Monitoring on VCC Pin
Selectable Forced PWM or Automatic PFM/PWM
Mode
Constant-On-Time Control Scheme
- Switching Frequency Compensation for PWM
Mode
- Constant Switching Frequency (CH1: 345kHz,
CH2: 255KHz) in PWM Mode with DC Output Current
Excellent Line and Load Transient Responses
Adjustable Soft-Start and Soft-Stop
Power-Good Outputs for both Channels
Adjustable Current-Limit Protection
- Using Sense Resistor or MOSFET’s R
DS(ON)
115% Over-Voltage Protection
- No Negative Output Voltage Occurred
70% Under-Voltage Protection
Adaptive Dead-Time Control
- Sensing G-to-S Voltage of Power MOSFETs
Shutdown Control for both Channels
28-pin SSOP (SSOP-28) and 4mmx4mm 24-lead
QFN (QFN4x4-24) Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
Note Book Computers
- Chipset/RAM Supplies as low as 0.9V
- 1.8V and 2.5V Supplies
Step-Down Converters Requiring High Efficiency
Simplified Application Circuit
V
OUT2
Q3
PWM2
Q4
V
OUT1
V
IN
+5V~24V
PWM1
V
CC=5V
Q1
Q2
EN1
EN2
R
OCSET1
R
OCSET2
SSOP-28


Similar Part No. - APW7108

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15 ANPEC-APW7101-15 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRG ANPEC-APW7101-15BI-TRG Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRL ANPEC-APW7101-15BI-TRL Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-18 ANPEC-APW7101-18 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results

Similar Description - APW7108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com