Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-32QF Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5320-32QF
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-32QF Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5320-32QF Datasheet HTML 1Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-32QF Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Wide Operating Voltage: 2.5~6V
Low Dropout Voltage: 290mV @ 3V/300mA
Fixed Output Voltages: 1.2~3.7V with Step 100mV,
and 2.85V, 4.75V
Guaranteed 300mA Output Current
High PSRR: 70dB
Current-Limit Protection
Controlled Short-Circuit Current: 50mA
Over-Temperature Protection
Stable with 1
µF Capacitor for Any Load
Excellent Load/Line Transient
SOT-23-5, TSOT-23-5, SOT-23-3, SC-70-5,
VTDFN1.2x1.6-4, and TDFN1.6x1.6-6 Packages
Lead Free and Green Devices Available
(RoHS Compliant)
The APL5320 is a P-channel low dropout linear regulator
which needs only one input voltage from 2.5 to 6V, and
delivers current up to 300mA to set output voltage. It also
can work with low ESR ceramic capacitors and is ideal for
using in the battery-powered applications such as note-
book computers and cellular phones. Typical dropout volt-
age is only 290mV at 300mA loading.
The APL5320 provides several versions of fixed output
voltages ranging from 1.2 to 3.7V with step 100mV and
2.85V, 4.75V. Current-limit with current foldback and ther-
mal shutdown functions protects the device against cur-
rent over-loads and over-temperature. The APL5320 is
available in SOT-23-5, TSOT-23-5, SOT-23-3, SC-70-5,
VTDFN1.2x1.6-4, and TDFN 1.6x1.6-6 packages.
Features
General Description
Applications
Cellular Phones
Portable and Battery-Powered Equipments
Laptops, Palmtops, Notebook Computers
Wireless LANs
Portable Information Appliances
GPSes
Pin Configuration
Simplified Application Circuit
GND 2
5 VOUT
SHDN 3
4 NC
VIN 1
SOT23-5/TSOT-23-5/SC-70-5
(Top View)
VOUT 2
3 VIN
GND 1
SOT-23-3
(Top View)
VTDFN1.2x1.6-4
(Top View)
2
1
4
3 SHDN
GND
VOUT
VIN
1
6
5
4
3
2
SHDN
VIN
NC
GND
VOUT
NC
TDFN1.6x1.6-6
(Top View)
= Exposed Pad (connected to ground
plane for better heat dissipation)
VIN
VOUT
SHDN
GND
V
IN
V
OUT
Enable


Similar Part No. - APL5320-32QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-32QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com