Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7116RE-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7116RE-TRG
Description  3-in-1 Dual PWM Buck and LinearDDR Power Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7116RE-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7116RE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APW7116RE-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APW7116
www.anpec.com.tw
11
Typical Operating Characteristics (Cont.)
Time (10ms/div)
Time (10ms/div)
VMCH OCP
VDDQ OCP
Time (20
µs/div)
VTT Load Transient
Time (0.1ms/div)
VDDQ Load Transient
ROCSET=6k MOSFET=APW2014
UG1 (10V/div)
SS1 (5V/div)
VDDQ (2V/div)
IL (10A/div)
ROCSET=4k MOSFET=APW2014
UG1 (10V/div)
SS1 (5V/div)
VMCH (2V/div)
IL (10A/div)
VDDQ (0.1V/div)
VMCH (0.1V/div)
VTT(0.1V/div)
VTT outout current
(2A/div)
VDDQ (0.2V/div)
VMCH (0.1V/div)
VTT(0.1V/div)
VDDQ outout
current (10A/div)


Similar Part No. - APW7116RE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15 ANPEC-APW7101-15 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRG ANPEC-APW7101-15BI-TRG Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRL ANPEC-APW7101-15BI-TRL Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-18 ANPEC-APW7101-18 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results

Similar Description - APW7116RE-TRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5209 ONSEMI-NCP5209 Datasheet
172Kb / 20P
   4-In-1 PWM Buck and Tri-Linear Power Controller
June, 2004 ??Rev. 1
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com