Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7120KE-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7120KE-TRG
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120KE-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7120KE-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7120KE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7120
www.anpec.com.tw
5
Function Pin Description
BOOT (Pin 1)
This pin provides ground referenced bias voltage to
the high-side MOSFET driver. A bootstrap circuit with
a diode connected to 5~12V is used to create a
voltage suitable to drive a logic-level N-channel
MOSFET.
UGATE (Pin 2)
Connect this pin to the high-side N-channel MOSFET
’s
gate. This pin provides gate drive for the high-side
MOSFET.
GND (Pin 3)
The GND terminal provides return path for the IC
’s bias
current and the low-side MOSFET driver
’s pull-low
current. Connect the pin to the system ground via very
low impedance layout on PCBs.
LGATE (Pin 4)
Connect this pin to the low-side N-channel MOSFET
’s
gate. This pin provides gate drive for the low-side
MOSFET.
VCC (Pin 5)
Connect this pin to a 5~12V supply voltage. This pin
provides bias supply for the control circuitry and the
low-side MOSFET driver. The voltage at this pin is
monitored for the Power-On-Reset (POR) purpose.
FB (Pin 6)
This pin is the inverting input of the internal Gm amplifier.
Connect this pin to the output (V
OUT) of the converter
via an external resistor divider for closed-loop operation.
The output voltage set by the resistor divider is deter-
mined using the following formula :
where R1 is the resistor connected from V
OUT to FB ,
and R2 is the resistor connected from FB to GND. The
FB pin is also monitored for under and over-voltage
events.
OCSET (Pin 7)
The OCSET is a dual-function input pin for over-
current protection and shutdown control. Connect a
resistor (R
OCSET) from this pin to the Drain of the low-
side MOSFET. This resistor, an internal 40
µA current
source (I
OCSET), and the MOSFET’s on-resistance
(R
DSON) set the converter over-current trip level (IPEAK)
according to the following formula:
Pulling and holding this pin below 0.15V with an open
drain device, with very low parasitic capacitor, shuts
down the IC with floating output and also resets the
over-current counter. Releasing OCSET pin initiates a
new soft-start and the converter works again.
PHASE (Pin 8)
The pin provides return path for the high-side MOSFET
driver
’s pull-low current. Connect this pin to the high-
side MOSFET
’s source.
(V)
)
R2
R1
1
(
0.8V
V OUT
+
=
(A)
R
0.4V
-
R
A
40
I
DSON
OCSET
PEAK
=
μ


Similar Part No. - APW7120KE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120KE-TR ANPEC-APW7120KE-TR Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120KE-TRL ANPEC-APW7120KE-TRL Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120KE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com