Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7128 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7128
Description  30V, 1.2MHz, White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7128 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7128_10 Datasheet HTML 4Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 5Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 6Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 7Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 8Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 9Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 10Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 11Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2010
APW7128
www.anpec.com.tw
8
Typical Application Circuit
Figure1. Analog Dimming with PWM Voltage
Figure2. Analog Dimming with External ALS Voltage
Designation
Supplier
Part Number
Specification
Wedsite
L1
GOTREND
GTSD53
10
µH, 1.33A
www.gotrend.com.tw
C1
Murata
GRM31CR61E106K
X5R, 25V, 10
µF
www.murata.com
C2
Murata
GRM155R61A105K
X5R, 10V, 1
µF
www.murata.com
C3
Murata
GRM155R60J224KE01
X5R, 6.3V. 0.22
µF
www.murata.com
C5
Murata
GRM21BR71H105KA12
X7R, 50V, 1
µF
www.murata.com
D1
Zowie
MSCD104
1.0A, 40V
www.zowie.com.tw
VIN
ALS
EN
GND
BP
LX
OVP
FB
COMP
PGND
10
7
4
9
8
5
2
1
3
6
APW7128
Up to 8
LEDs per
String
OFF
ON
10
µF
1
µF
1
µF
10
µH
R1
C1
C2
C3
C5
L1
D1
0.22
µF
Up to 8 Strings
PWM
brightness
control
R2
R3
R4
C4
3.75
V
ADJ
24k
120k
0.1
µF
10k
3V
0V
I
LED(max)=20mA
I
LED(min)=0mA
6V to 21V
VIN
ALS
EN
GND
BP
LX
OVP
FB
COMP
PGND
10
7
4
9
8
5
2
1
3
6
APW7128
Up to 8
LEDs per
String
OFF
ON
10
µF
1
µF
1
µF
10
µH
ALS
R1
R2
C1
C2
C3
C5
L1
D1
0.22
µF
Up to 8 Strings
3.125
6V to 21V
V
DD


Similar Part No. - APW7128_10

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128QA ANPEC-APW7128QA Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
APW7128QAI-TRG ANPEC-APW7128QAI-TRG Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
APW7128QAI-TRL ANPEC-APW7128QAI-TRL Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
More results

Similar Description - APW7128_10

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128 Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
logo
Shenzhen Huazhimei Semi...
HM1538B HMSEMI-HM1538B Datasheet
949Kb / 5P
   1.2MHz, 30V BLAS Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
HM5663 HMSEMI-HM5663 Datasheet
1Mb / 9P
   1.2MHz,3V-24V Input High Efficiency Boost White LED Driver
logo
Monolithic Power System...
MP3306 MPS-MP3306 Datasheet
435Kb / 12P
   30V, 700kHz Synchronous Step-Up White LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com