Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7120AKE-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7120AKE-TRG
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120AKE-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7120AKE-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW7120AKE-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2009
APW7120A
www.anpec.com.tw
10
Pin Description
PIN
NO.
NAME
FUNCTION
1
BOOT
This pin provides ground referenced bias voltage to the high-side MOSFET driver. A bootstrap circuit with
a diode connected to 5~12V is used to create a voltage suitable to drive a logic-level N-channel MOSFET.
2
UGATE
Connect this pin to the high-side N-channel MOSFET gate. This pin provides gate drive for the high-side
MOSFET.
3
GND
The GND terminal provides return path for the IC bias current and the low-side MOSFET driver pull-low
current. Connect the pin to the system ground via very low impedance layout on PCBs.
4
LGATE
Connect this pin to the low-side N-channel MOSFET gate. This pin provides gate drive for the low-side
MOSFET.
5
VCC
Connect this pin to a 5~12V supply voltage. This pin provides bias supply for the control circuitry and the
low-side MOSFET driver. The voltage at this pin is monitored for the Power-On-Reset (POR) purpose.
6
FB
This pin is the inverting input of the internal Gm amplifier. Connect this pin to the output (VOUT) of the
converter via an external resistor divider for closed-loop operation. The output voltage set by the resistor
divider is determined using the following formula:
(V)
)
R2
R1
1
(
0.8V
VOUT
+
=
where R1 is the resistor connected from VOUT to FB , and R2 is the resistor connected from FB to GND.
The FB pin is also monitored for under and over-voltage events.
7
OCSET
The OCSET is a dual-function input pin for over-current protection and shutdown control. Connect a
resistor (ROCSET) from this pin to the Drain of the low-side MOSFET. This resistor, an internal 40
µA current
source (IOCSET), and the MOSFET on-resistance (RDSON) set the converter over-current trip level (IPEAK)
according to the following formula:
(A)
R
0.4V
-
R
A
40
I
DSON
OCSET
PEAK
=
µ
Pulling and holding this pin below 0.15V with an open drain device, with very low parasitic capacitor, shuts
down the IC with floating output and also resets the over-current counter. Releasing OCSET pin initiates a
new soft-start and the converter works again.
8
PHASE
The pin provides return path for the high-side MOSFET driver pull-low current. Connect this pin to the
high-side MOSFET source.


Similar Part No. - APW7120AKE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120AKE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com