Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7138QBI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7138QBI-TRG
Description  High-Performance Notebook PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7138QBI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7138QBI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7138QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2010
APW7138
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7138
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
MOSFET GATE DRIVERS (CONT.)
LG Pull-Up Resistance
VPVCC=5V, ILG=0.1A
-
1
2
LG Source Current
VPVCC=5V, VLG-VPGND=2.5V
-
2
-
A
LG Sink Resistance
VPVCC=5V, ILG=0.1A
-
0.6
1.2
LG Sink Current
VPVCC=5V, VLG-VPGND=2.5V
-
3
-
A
TD
Dead Time
-
20
-
ns
BOOTSTRAP DIODE
VF
Forward Voltage
VPVCC-VBOOT-GND=5V, IF=2mA
-
0.8
-
V
IR
Reverse Leakage
VR=25V
-
0.2
-
µA
CONTROL INPUTS
VFCCMTHR
FCCM High Threshold
2.0
-
-
V
VFCCMTHF
FCCM Low Threshold
Only for QFN4x4-16A and
TQFN3x3-16 packages
-
-
0.8
V
VENR
EN High Threshold
2.0
-
-
V
VENF
EN Low Threshold
-
-
0.8
V
EN Leakage
VEN=5V
-
0.1
1.0
µA
PROTECTION
IOC
ISEN OCP Threshold
ISEN Sourcing
20
26
30
µA
ISC
ISEN Short-Circuit Threshold
ISEN Sourcing
-
50
-
µA
VUV
UVP Threshold
65
70
75
%
UVP Debounce Interval
-
2
-
µs
VOVR
OVP Rising Threshold
119
124
129
%
VOVF
OVP Falling Threshold
99
104
109
%
OVP Debounce Interval
-
2
-
µs
TOTR
OTP Rising Threshold
(Note 3)
-
150
-
oC
OTP Hysteresis
(Note 3)
-
25
-
oC
Note 3: Guaranteed by design.
Refer to the typical application circuits. These specifications apply over V
CC=5V, VIN=7~25V and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.


Similar Part No. - APW7138QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
APW7134QAITRL KINGBRIGHT-APW7134QAITRL Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
APW7134QAITUL KINGBRIGHT-APW7134QAITUL Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136A ANPEC-APW7136A Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results

Similar Description - APW7138QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com