Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKTFC331KB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKTFC331KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTFC331KB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKTFC331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTFC331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTFC331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTFC331KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTFC331KB Datasheet HTML 5Page - Panasonic Semiconductor ECKTFC331KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
■ Packaging Methods (Taping)
● Minimum Quantity/Packing Unit
350×350×62
9000 pcs.
3000
pcs./reel
10 to 2200pF
EC□□TFC□□□□□
Embossed
Carrier Taping
Type FC
350×350×62
6000 pcs.
2000
pcs./reel
10 to 2200pF
EC□□TBC□□□□□
Embossed
Carrier Taping
Type BC
350×350×62
6000 pcs
3000
pcs./reel
100~470pF
EC□□THC□□□□□
Embossed
Carrier Taping
Type HC
Carton Dimensions
in mm (LWH)
Packing Quantity
in Carton
Minimum Packing
Quantity
Part Number
Packaging style
Type
●Reel
●Embossed carrier taping
●Leader Part and Taped End
Ceramic Capacitors (Safety Regulation SMD)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
3.2
±0.3
7.5
±0.2
6.5
±0.2
Type
BC
5.5
±0.1
12.0
±0.3
6.0
±0.2
Type
FC
2.8
±0.3
0.3
±0.1
1.5
+0.1
-0
4.1
±0.1
2.00
±0.05
8.0
±0.1
1.75
±0.10
11.5
±0.1
24.0
±0.3
12.3
±0.2
4.8
±0.2
Type
HC
Dim.
(mm)
FE
P1
P2
t2
t1
φD
0
P0
W
B
A
Symbol
Type
FC
25.5
±1.5
Type
HC
Type
BC
R1.0
2.0
±0.5
13.5
±1.5
2.0
±0.5
21.0
±1.0
13.0
±0.5
60
min
330
±5
Dim.
(mm)
r
t
W
E
D
C
B
A
Symbol


Similar Part No. - ECKTFC331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTFC331KB PANASONIC-ECKTFC331KB Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTFC331KB PANASONIC-ECKTFC331KB Datasheet
247Kb / 5P
   Ceramic Capacitors (Safety Regulation SMD)
ECKTFC331KB PANASONIC-ECKTFC331KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTFC331KB PANASONIC-ECKTFC331KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTFC331KB PANASONIC-ECKTFC331KB Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results

Similar Description - ECKTFC331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com