Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE60D-12LB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # POE60D-12LB
Description  Miniature Flyback Transformers for PoE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

POE60D-12LB Datasheet(HTML) 1 Page - Coilcraft lnc.

  POE60D-12LB Datasheet HTML 1Page - Coilcraft lnc. POE60D-12LB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Miniature Flyback Transformers for PoE
Document 402-1
Document 402-1 Revised 12/09/10
1. When ordering, please specify
packaging code:
POE60D-12LD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (400 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer
added ($25 charge), use code letter D instead.
2. Inductance is for the primary, measured at 250 kHz, 0.5 Vrms.
3. Peak primary current drawn at minimum input voltage.
4. DCR for the primary and for the secondary are with the windings connected in parallel.
5. Leakage inductance is for the primary winding with the secondary winding shorted.
6. Turns ratios are with the primary and secondary windings connected in parallel.
7. Output of the secondary is with the windings connected in parallel. Bias winding output is 12 V, 20 mA.
8. Designed to remain in continuous mode operation at power levels of 3 Watts and above.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance Inductance
Leakage
Part
Power
at 0 A2
at Ipk3
DCR max (Ohms)4 inductance5
Turns ratio6
Ipk3
number1
(W)
±10% (µH)
min (µH)
pri
sec
bias
max (µH)
pri/sec pri/bias (A)
Output7
Continuous mode8
POE60C-18L_
6
167.0
150.3
0.303 0.017 0.570
7.8
1 : 0.063 1 : 0.344 0.62
1.8 V, 3.3 A
POE60C-25L_
6
177.0
159.3
0.353 0.027 0.660
7.0
1 : 0.083 1 : 0.333 0.60
2.5 V, 2.4 A
POE60C-33L_
6
184.0
165.6
0.286 0.026 0.515
4.0
1 : 0.100 1 : 0.333 0.57
3.3 V, 1.8 A
POE60C-50L_
6
193.0
173.7
0.344 0.043 0.660
8.0
1 : 0.143 1 : 0.343 0.55
5.0 V, 1.2 A
POE60C-12L_
6
204.0
183.6
0.293 0.083 0.545
5.8
1 : 0.333 1 : 0.333 0.52 12.0 V, 0.5 A
Discontinuous mode
POE60D-18L_
6
75.0
67.5
0.311 0.018 0.575
6.7
1 : 0.063 1 : 0.344 1.0
1.8 V, 3.3 A
POE60D-25L_
6
80.0
72.0
0.219 0.018 0.388
5.0
1 : 0.083 1 : 0.333 0.95
2.5 V, 2.4 A
POE60D-33L_
6
85.0
76.5
0.285 0.026 0.530
4.0
1 : 0.100 1 : 0.333 0.90
3.3 V, 1.8 A
POE60D-50L_
6
90.0
81.0
0.271 0.033 0.529
3.1
1 : 0.143 1 : 0.357 0.85
5.0 V, 1.2 A
POE60D-12L_
6
95.0
85.5
0.265 0.074 0.484
2.4
1 : 0.333 1 : 0.333 0.80 12.0 V, 0.5 A
1
6
Primary
Bias
Secondary
9
5
11
3
10
2
8
4
Primary windings and secondary windings
to be connected in parallel on PC board.
Designer’s Kit C382 contains two samples of each part.
Core material Ferrite
Terminations RoHS tin-silver over tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight 2.6 – 2.9 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 400 per 13
″ reel Plastic tape: 32 mm wide, 0.4 mm thick,
20 mm pocket spacing, 7.69 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Space efficient size: 16.5 mm square less than 7.5 mm tall
• Operates at 250 kHz with 36–72 Volts input
• 1500Vrms,oneminuteisolationbetweenprimaryandsecondary


Similar Part No. - POE60D-12LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE60D-12L COILCRAFT-POE60D-12L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
More results

Similar Description - POE60D-12LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE60C-18L COILCRAFT-POE60C-18L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE51Q-24ED COILCRAFT-POE51Q-24ED Datasheet
304Kb / 3P
   High Power PoE Flyback Transformers
Revised 05/18/20
LPR6235-253PML COILCRAFT-LPR6235-253PML Datasheet
199Kb / 2P
   Miniature Step-Up / Flyback Transformers
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
   Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
   Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
   FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
   Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
   Flyback Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com