Electronic Components Datasheet Search |
|
EEUEE2D101S Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
EEUEE2D101S Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ EE – EEE-95 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (100 kHz) (+105 °C) tan δ (120 Hz) (+20 °C) Endur- ance Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B (V) (µF) (mm) (mm) (mA r.m.s.) (hours) (mm)(mm)(mm) (pcs) (pcs) 160 22 10 20 700 0.15 8000 0.6 5.0 5.0 EEUEE2C220( ) 200 500 33 10 20 810 0.15 8000 0.6 5.0 5.0 EEUEE2C330( ) 200 500 47 10 20 1065 0.15 8000 0.6 5.0 5.0 EEUEE2C470( ) 200 500 68 12.5 20 1350 0.15 10000 0.6 5.0 5.0 EEUEE2C680( ) 200 500 82 12.5 25 1480 0.15 10000 0.6 5.0 5.0 EEUEE2C820( ) 200 500 100 12.5 25 1660 0.15 10000 0.6 5.0 5.0 EEUEE2C101( ) 200 500 16 20 1700 0.15 10000 0.8 7.5 7.5 EEUEE2C101S( ) 100 250 150 16 25 1890 0.15 10000 0.8 7.5 7.5 EEUEE2C151( ) 100 250 18 20 1820 0.15 10000 0.8 7.5 7.5 EEUEE2C151S( ) 100 250 220 16 31.5 2280 0.15 10000 0.8 7.5 EEUEE2C221 100 18 25 1950 0.15 10000 0.8 7.5 7.5 EEUEE2C221S( ) 100 250 3301831.526000.1510000 0.8 7.5 EEUEE2C331 50 200 22 10 20 850 0.15 8000 0.6 5.0 5.0 EEUEE2D220( ) 200 500 33 10 20 920 0.15 8000 0.6 5.0 5.0 EEUEE2D330( ) 200 500 47 12.5 20 1100 0.15 10000 0.6 5.0 5.0 EEUEE2D470( ) 200 500 68 12.5 25 1330 0.15 10000 0.6 5.0 5.0 EEUEE2D680( ) 200 500 16 20 1330 0.15 10000 0.8 7.5 7.5 EEUEE2D680S( ) 100 250 82 16 20 1460 0.15 10000 0.8 7.5 7.5 EEUEE2D820S( ) 100 250 100 16 25 1730 0.15 10000 0.8 7.5 7.5 EEUEE2D101( ) 100 250 18 20 1665 0.15 10000 0.8 7.5 7.5 EEUEE2D101S( ) 100 250 150162518600.1510000 0.8 7.5 7.5 EEUEE2D151( ) 100 250 2201831.526000.1510000 0.8 7.5 EEUEE2D221 100 330184031200.1510000 0.8 7.5 EEUEE2D331 50 250 22 10 20 785 0.15 8000 0.6 5.0 5.0 EEUEE2E220( ) 200 500 33 12.5 20 9950.1510000 0.6 5.0 5.0 EEUEE2E330( ) 200 500 47 12.5 25 1290 0.15 10000 0.6 5.0 5.0 EEUEE2E470( ) 200 500 16 20 1400 0.15 10000 0.8 7.5 7.5 EEUEE2E470S( ) 100 250 68 16 20 1400 0.15 10000 0.8 7.5 7.5 EEUEE2E680S( ) 100 250 82 16 25 1680 0.15 10000 0.8 7.5 7.5 EEUEE2E820( ) 100 250 18 20 1680 0.15 10000 0.8 7.5 7.5 EEUEE2E820S( ) 100 250 100 16 31.5 2100 0.15 10000 0.8 7.5 EEUEE2E101 100 18 25 2100 0.15 10000 0.8 7.5 7.5 EEUEE2E101S( ) 100 250 1501831.525200.1510000 0.8 7.5 EEUEE2E151 50 220184029400.1510000 0.8 7.5 EEUEE2E221 50 350 15 10 20 480 0.20 8000 0.6 5.0 5.0 EEUEE2V150( ) 200 500 22 12.5 20 6600.2010000 0.6 5.0 5.0 EEUEE2V220( ) 200 500 33 12.5 25 7900.2010000 0.6 5.0 5.0 EEUEE2V330( ) 200 500 16 20 900 0.20 10000 0.8 7.5 7.5 EEUEE2V330S( ) 100 250 47 16 25 1070 0.20 10000 0.8 7.5 7.5 EEUEE2V470( ) 100 250 18 20 1070 0.20 10000 0.8 7.5 7.5 EEUEE2V470S( ) 100 250 68 16 31.5 1530 0.20 10000 0.8 7.5 EEUEE2V680 100 18 25 1330 0.20 10000 0.8 7.5 7.5 EEUEE2V680S( ) 100 250 82 18 25 1530 0.20 10000 0.8 7.5 7.5 EEUEE2V820S( ) 100 250 1001831.516000.2010000 0.8 7.5 EEUEE2V101 50 · When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm. · Please refer to the page of “Taping Dimensions”. Endurance : 105 °C φ10=8000 h, φ12.5 to φ18=10000 h 00 Nov. 2012 |
Similar Part No. - EEUEE2D101S |
|
Similar Description - EEUEE2D101S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |