Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWB-16-ALB Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # PWB-16-ALB
Description  Surface Mount Wideband RF Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PWB-16-ALB Datasheet(HTML) 5 Page - Coilcraft lnc.

  PWB-16-ALB Datasheet HTML 1Page - Coilcraft lnc. PWB-16-ALB Datasheet HTML 2Page - Coilcraft lnc. PWB-16-ALB Datasheet HTML 3Page - Coilcraft lnc. PWB-16-ALB Datasheet HTML 4Page - Coilcraft lnc. PWB-16-ALB Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 591-5 Revised 09/01/11
Document 591-5
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
Type C Transformers
PWB-1-C
3 dB bandwidth 0.10 - 300 MHz
PWB-1.5-C
3 dB bandwidth 0.15 - 200 MHz
PWB-2-C
3 dB bandwidth 0.13 - 285 MHz
PWB-4-C
3 dB bandwidth 0.14 - 50 MHz
PWB3010
3 dB bandwidth .0035-125 MHz
PWB3010-1
3 dB bandwidth .03 - 250 MHz
PWB3015
3 dB bandwidth .07 - 225 MHz
PWB3040
3 dB bandwidth .15 - 400 MHz
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.001
0.01
0.1
110
100
Frequency (MHz)
PWB3010-1
3 dB bandwidth 0.03 - 250 MHz
PWB3015
3 dB bandwidth 0.07 - 225 MHz
PWB3040
3 dB bandwidth 0.15 - 400 MHz
PWB3010
3 dB bandwidth 0.0035 - 125 MHz
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - PWB-16-ALB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-16-AL COILCRAFT-PWB-16-AL Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
PWB-16-AL COILCRAFT-PWB-16-AL Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
More results

Similar Description - PWB-16-ALB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
TTWB1010LD COILCRAFT-TTWB1010LD Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
   Surface Mount Wideband RF Transformers
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
   Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
TTWB-1-AL COILCRAFT-TTWB-1-AL Datasheet
239Kb / 5P
   Surface Mount Wideband RF Transformers
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
   Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
   Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com