Electronic Components Datasheet Search |
|
TTWB-2-CLD Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
TTWB-2-CLD Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 5 page © Coilcraft, Inc. 2008 Specifications subject to change without notice. Please check our website for latest information. SurfaceMountWidebandRF Transformers Document 194-1 Document 194-1 Revised 10/21/08 Part 3 dB 2 dB 1 dB number (MHz) (MHz) (MHz) TTWB-1-AL_ 0.08 - 450 0.13 - 325 0.30 - 190 TTWB-1.5-AL_ 0.03 - 300 0.035 - 250 0.06 - 150 TTWB-2-AL_ 0.05 - 200 0.06 - 160 0.10 - 100 TTWB-4-AL_ 0.15 - 500 0.24 - 300 0.60 - 140 TTWB-16-AL_ 0.05 - 80 0.06 - 75 0.11 - 30 TTWB1010L_ 0.0035 - 125 0.0045 - 100 0.007 - 80 TTWB1010-1L_ 0.03 - 250 0.04 - 225 0.06 - 200 TTWB1015L_ 0.07 - 225 0.10 - 200 0.20 - 125 TTWB1040L_ 0.15 - 400 0.25 - 350 0.80 - 250 TTWB-1-BL_ 0.13 - 425 0.18 - 325 0.32 - 190 TTWB-1.5-BL_ 0.50 - 250 0.80 - 175 1.50 - 120 TTWB-2-BL_ 0.20 - 400 0.225 - 275 0.50 - 150 TTWB-4-BL_ 0.14 - 700 0.20 - 400 0.40 - 150 TTWB-16-BL_ 0.075 - 90 0.11 - 75 0.20 - 65 TTWB2010L_ 0.0035 - 125 0.0045 - 100 0.007 - 80 TTWB2010-1L_ 0.03 - 250 0.04 - 225 0.06 - 200 TTWB2040L_ 0.15 - 400 0.25 - 350 0.80 - 250 TTWB-1-CL_ 0.10 - 300 0.13 - 200 0.20 -150 TTWB-1.5-CL_ 0.15 - 200 0.225 - 150 0.35 - 100 TTWB-2-CL_ 0.13 - 285 0.20 - 175 0.325 - 125 TTWB-4-CL_ 0.14 - 500 0.20 - 230 0.40 - 110 TTWB3010L_ 0.0035 - 125 0.0045 - 100 0.007 - 80 TTWB3010-1L_ 0.03 - 250 0.04 - 225 0.06 - 200 TTWB3015L_ 0.07 - 225 0.10 - 200 0.20 - 125 TTWB3040L_ 0.15 - 400 0.25 - 350 0.80 - 250 Dimensions 1 +0.005 / 0.010 – +0,127 / 0,254 – 6 2 5 3 4 0.255 6,48 0.185 4,70 Unless otherwise noted, tolerance for all dimensions ±0.005/0,127. 0.240 6,10 0.240 6,10 0.040 1,02 0.035 0,89 0.180 4,57 6 5 4 1 2 3 0.050 1,27 0.050 1,27 0.250 6,35 0.170 4,32 0.045 1,14 Recommended Land Pattern 1st color dot over pin 1 3rd color dot over pin 6 Typical Frequency Response Dimensions are in inches mm Designer’s Kit C329 contains three of each part Core material Ferrite Terminations RoHS compliant tin-silver-copper over silver- platinum-glass frit. Other terminations available at additional cost. Weight 0.37 – 0.43 g Ambient temperature –40°C to +85°C Storage temperature Component: –40°C to +85°C. Packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Mean Time Between Failures (MTBF) 16,666,667 hours Packaging 1000 per 13 ″ reel; Plastic tape: 16 mm wide, 0.34 mm thick, 12 mm pocket spacing, 4.83 mm pocket depth PCB washing Only pure water or alcohol recommended • Tapped and untapped versions • 400 V interwinding isolation, 1/4 Watt RF input power • 250 mA max current rating. |
Similar Part No. - TTWB-2-CLD |
|
Similar Description - TTWB-2-CLD |