Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD7342-473MLD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MSD7342-473MLD
Description  Coupled Inductors - MSD7342
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD7342-473MLD Datasheet(HTML) 3 Page - Coilcraft lnc.

  MSD7342-473MLD Datasheet HTML 1Page - Coilcraft lnc. MSD7342-473MLD Datasheet HTML 2Page - Coilcraft lnc. MSD7342-473MLD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Coupled Inductors–MSD7342 Series
Specifications subject to change without notice.
Please check our website for latest information.
Document 621-3
Document 621-3 Revised 02/23/11
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 621-3 Revised 11/07/13
Typical L vs Current
Typical L vs Frequency
Irms Derating
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)
4.7 µH
10 µH
47 µH
100 µH
470 µH
1000 µH
1
10
100
1000
10000
0.1
1
100
10
Frequency (MHz)
4.7 µH
10 µH
47 µH
100 µH
470 µH
1000 µH
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - MSD7342-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD7342-473ML COILCRAFT-MSD7342-473ML Datasheet
231Kb / 3P
   Coupled Inductors for SEPIC Applications
MSD7342-473ML_ COILCRAFT-MSD7342-473ML_ Datasheet
431Kb / 3P
   Coupled Inductors
More results

Similar Description - MSD7342-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com