Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD7342-684MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSD7342-684MLD
Description  Coupled Inductors - MSD7342
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD7342-684MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSD7342-684MLD Datasheet HTML 1Page - Coilcraft lnc. MSD7342-684MLD Datasheet HTML 2Page - Coilcraft lnc. MSD7342-684MLD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 621-1
Document 621-1 Revised 11/07/13
CoupledInductors–MSD7342
Dimensions are in
inches
mm
Core material Ferrite
Core and winding loss Go to online calculator
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.76 – 0.87g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 200 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″ reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.4 mm thick, 12 mm pocket spacing, 4.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
For Flyback, SEPIC
and other Applications
• Tightcoupling(k
≥0.97)and200VisolationmaketheMSD7342
series of coupled inductors ideal for use in a variety of circuits
including flyback, multi-output buck and SEPIC.
• They provide high inductance, high efficiency and excellent
current handling in a rugged, low cost part.
• Can also be used as two single inductors connected in series
or parallel, as a common mode choke or as a 1 : 1 transformer.
0.295
7,5
max
0.295
7,5
max
max
Dot indicates
pin 1
0.028
0,7
0.181
4,6
123
0.110
2,8
0.083
2,1
0.130
3,3
0.043
1,10
1
4
2
3
3
1
2
4
L1
L2
Recommended
Land Pattern
0.150
3,8
0.091
2,3
0.063
1,6
1
4
2
3
If board traces
are runin these
areas, consider
masking them to
prevent shorting.
L1
L2
+
+
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
D
D
C
C
SW
Typical Buck Converter with auxiliary output
Typical SEPIC schematic
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D


Similar Part No. - MSD7342-684MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD7342-684ML COILCRAFT-MSD7342-684ML Datasheet
231Kb / 3P
   Coupled Inductors for SEPIC Applications
MSD7342-684ML_ COILCRAFT-MSD7342-684ML_ Datasheet
431Kb / 3P
   Coupled Inductors
More results

Similar Description - MSD7342-684MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com