Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS1038-474KLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSS1038-474KLD
Description  Shielded Power Inductors - MSS1038
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1038-474KLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSS1038-474KLD Datasheet HTML 1Page - Coilcraft lnc. MSS1038-474KLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – MSS1038
Document 378-2
Document 378-2 Revised 08/01/11
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
1.5 µH
10 µH
27 µH
270 µH
100 µH
1000 µH
Typical L vs Current
Typical L vs Frequency
Typical Current Derating
Dimensions are in
inches
mm
0.402 ±0.012
10,2 ±0,3
0.394 ±0.008
10,0 ±0,2
0.150 ±0.008
3,8 ±0,2
0.303 ±0.008
7,7 ±0,2
0.047 ±0.008
1,2 ±0,2
0.118 ±0.008
3,0 ±0,2
0.14
3,56
0.37
9,40
0.07
1,78
Recommended
Land Pattern
123
X
Parts manufactured prior
to Sept. 2007 were marked
with only the dash number.
Dash number
Internal code
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)
1.5 µH
10 µH
27 µH
270 µH
100 µH
1000 µH
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - MSS1038-474KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1038-474KLD COILCRAFT-MSS1038-474KLD Datasheet
169Kb / 2P
   Shielded Power Inductors MSS1038
More results

Similar Description - MSS1038-474KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1038-105KLC COILCRAFT-MSS1038-105KLC Datasheet
169Kb / 2P
   Shielded Power Inductors MSS1038
MSS1038-563MLB COILCRAFT-MSS1038-563MLB Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-153MLB COILCRAFT-MSS1038-153MLB Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-683MLC COILCRAFT-MSS1038-683MLC Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com