Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7207A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7207A
Description  1MHz, High-Efficiency, Step-Up Converter for White LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7207A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7207A Datasheet HTML 1Page - Anpec Electronics Coropration APW7207A Datasheet HTML 2Page - Anpec Electronics Coropration APW7207A Datasheet HTML 3Page - Anpec Electronics Coropration APW7207A Datasheet HTML 4Page - Anpec Electronics Coropration APW7207A Datasheet HTML 5Page - Anpec Electronics Coropration APW7207A Datasheet HTML 6Page - Anpec Electronics Coropration APW7207A Datasheet HTML 7Page - Anpec Electronics Coropration APW7207A Datasheet HTML 8Page - Anpec Electronics Coropration APW7207A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Nov., 2012
APW7207/A
www.anpec.com.tw
4
Typical Operating Characteristics
Efficiency vs. WLED Current
WLED Current vs. PWM Duty Cycle
WLED Current vs. Supply Voltage
Maximum Duty Cycle vs. Supply
Voltage
Switch ON Resistance vs. Supply
Voltage
Switching Frequency vs. Supply
Voltage
(Refer to figure 1 in the section “Typical Application Circuits”, V
IN=3.6V, TA=25
oC, 10WLEDs unless otherwise specified)
Supply Voltage, V
IN (V)
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
21.0
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage, V
IN (V)
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage, V
IN (V)
2.5
3
3.5
4
4.5
5
5.5
6
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Supply Voltage, V
IN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
6
WLED Current, I
LED (mA)
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
V
IN=3.6V
V
IN=4.2V
V
IN=5V
V
IN=3.3V
10 WLEDs
33V@20mA
η=P
OUT/PIN
PWM Duty Cycle (%)
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
100Hz
100kHz
1kHz


Similar Part No. - APW7207A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
More results

Similar Description - APW7207A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com