Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZB300 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMZB300
Description  Communication, Control and Measurement Equipment Constant Voltage Regulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZB300 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMZB300 Datasheet HTML 1Page - Toshiba Semiconductor CMZB300 Datasheet HTML 2Page - Toshiba Semiconductor CMZB300 Datasheet HTML 3Page - Toshiba Semiconductor CMZB300 Datasheet HTML 4Page - Toshiba Semiconductor CMZB300 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMZB68~CMZB390
2011-06-20
4
0
0.2
0
80
160
0.4
0.6
0.8
1.0
1.2
40
120
Ta max – P
Power dissipation P
(W)
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Land pattern: 6.0 mm
× 6.0 mm
board thickness: 1.6 mm
0.001
1000
10
0.1
100
1000
10
0.01
0.1
1
100
1
rth (j-a) – t
Time t (s)
Device mounted on a ceramic board:
Board size: 50 mm
× 50 mm
Land pattern: 2.0 mm
× 2.0 mm
Board thickness: 0.64 mm
Device mounted on a glass-epoxy board:
Board size: 50 mm
× 50 mm
Land pattern: 6.0 mm
× 6.0 mm
Board thickness: 1.6 mm
Device mounted on a glass-epoxy board:
Board size: 50 mm
× 50 mm
Land pattern: 2.1 mm
× 1.4 mm
Board thickness: 1.6 mm
10
100
1000
110
PRSM – tW (reference value)
Pulse width tW (ms)
Recommended
Ta
= 25°C
Rectangular pulse
PRSM
tW
0.1
0
400
200
0
350
400
250
50
100
150
250
50
150
300
350
αT – VZ
(typ.)
Zener voltage VZ (V)
100
200
300


Similar Part No. - CMZB300

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB300 TOSHIBA-CMZB300 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB300 TOSHIBA-CMZB300 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
More results

Similar Description - CMZB300

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com