Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K16FV Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K16FV
Description  High Speed Switching Applications Analog Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K16FV Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K16FV Datasheet HTML 1Page - Toshiba Semiconductor SSM3K16FV Datasheet HTML 2Page - Toshiba Semiconductor SSM3K16FV Datasheet HTML 3Page - Toshiba Semiconductor SSM3K16FV Datasheet HTML 4Page - Toshiba Semiconductor SSM3K16FV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K16FV
2007-11-01
4
⎪Yfs⎪ – ID
IDR – VDS
C – VDS
t – ID
PD – Ta
Drain current
ID (mA)
Drain-Source voltage
VDS (V)
Drain-Source voltage
VDS (V)
Drain current
ID (mA)
Ambient temperature
Ta
(°C)
1
10
100
1000
1
3
5
10
30
50
100
300
500
Common source
VDS = 3 V
Ta
= 25°C
0.1
1
10
100
10
30
50
100
300
500
1000
3000
5000
Common source
VDD = 3 V
VGS = 0~2.5 V
Ta
= 25°C
tr
ton
tf
toff
0
100
250
50
150
200
0
−1.4
−0.4
−0.2
−0.6
−0.8
−1
−1.2
Common source
VGS = 0 V
Ta
= 25°C
G
D
S
IDR
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0.3
10
100
1
5
50
0.1
1
10
100
5
50
0.5
30
3
0.5
0.3
3
30
0
0
100
250
160
40
50
150
200
20
60
80
100
140
120


Similar Part No. - SSM3K16FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3K16FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
   High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
   High-Speed Switching Applications Analog Switch Applications
SSM6N7002BFE TOSHIBA-SSM6N7002BFE Datasheet
185Kb / 5P
   High-Speed Switching Applications Analog Switch Applications
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N7002FUTE85LF TOSHIBA-SSM6N7002FUTE85LF Datasheet
178Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N7002FU TOSHIBA-SSM6N7002FU Datasheet
158Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N17FU TOSHIBA-SSM6N17FU Datasheet
125Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM3K16TE TOSHIBA-SSM3K16TE Datasheet
136Kb / 5P
   High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com