Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7215QBI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7215QBI-TRG
Description  Fixed 600kHz Step-UP Converter for White LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215QBI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7215QBI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7215QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
4
APW7215
Pin Description
PIN.
TDFN-2x2-6
NAME
FUNCTION
1
FB
Feedback Pin. Connect this pin to cathode of the lowest LED and current-sense resistor
(R1). Calculate resistor value according to R1=VREF/ILED.
2
NC
No Commend.
3
GND
Power and signal ground pin.
4
LX
Switch pin. Connect this pin to inductor/diode here.
5
EN
Enable Control Input. Forcing this pin above 1.0V enables the device, or forcing this pin
below 0.4V to shut it down. In shutdown, all functions are disabled to decrease the supply
current below 1µA.
6
VIN
Main Supply Pin. Must be closely decoupled to GND with a 1µF or greater ceramic
capacitor.
Exposed Pad
GND
Connecting this pad to GND.
Electrical Characteristics(Cont.)
Refer to the typical application circuits. These specifications apply over. V
IN=3.6V, TA=25°C.
APW7215
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ENABLE AND SHUTDOWN
Enable Voltage Threshold
VEN Rising
1
-
-
V
Shutdown Voltage Threshold
VEN Falling
-
-
0.4
V
EN Pulled Low Resistance
-
800
-
k
EN Minimum On Pulsed Width
Use VEN=3V to enable to device, PWM
Dimmimg Frequency=5k to 100k Hz
-
4.7
-
%
OVER-TEMPERATURE PROTECTION
TOTP
Over-Temperature Protection
(Note 4)
TJ Rising
-
150
-
°C
Over-Temperature Protection
Hysteresis
(Note 4)
TJ Falling
-
40
-
°C
Note 4: Guaranteed by design, not production tested.


Similar Part No. - APW7215QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7215QBI-TRG ANPEC-APW7215QBI-TRG Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
More results

Similar Description - APW7215QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Marktech Corporate
TB62736FUG MARKTECH-TB62736FUG Datasheet
384Kb / 13P
   Step-up Type DC-DC Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com