Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH14FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WH14FK
Description  Triple Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH14FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WH14FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WH14FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WH14FU/FK
2009-09-24
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
3.0
2.20
2.20
4.5
3.15
3.15
Positive
threshold
voltage
VP
5.5
3.85
3.85
3.0
0.90
0.90
4.5
1.35
1.35
Input voltage
Negative
threshold
voltage
VN
5.5
1.65
1.65
V
3.0
0.30
1.20
0.30
1.20
4.5
0.40
1.40
0.40
1.40
Hysteresis voltage
VH
5.5
0.50
1.60
0.50
1.60
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High level
VOH
VIN =VIL
IOH = −8 mA
4.5
3.94
3.80
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 μA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Output voltage
Low level
VOL
VIN = VIH
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Similar Part No. - TC7WH14FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH14FK TOSHIBA-TC7WH14FK Datasheet
199Kb / 6P
   TRIPLE SCHMITT INVERTER
TC7WH14FK TOSHIBA-TC7WH14FK Datasheet
200Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WH14FK TOSHIBA-TC7WH14FK_09 Datasheet
208Kb / 7P
   Triple Schmitt Inverter
More results

Similar Description - TC7WH14FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH14FK TOSHIBA-TC7WH14FK_09 Datasheet
208Kb / 7P
   Triple Schmitt Inverter
TC7WH14FU TOSHIBA-TC7WH14FU Datasheet
199Kb / 6P
   TRIPLE SCHMITT INVERTER
logo
STMicroelectronics
74V2G14 STMICROELECTRONICS-74V2G14 Datasheet
129Kb / 8P
   TRIPLE SCHMITT INVERTER
74V2T14 STMICROELECTRONICS-74V2T14 Datasheet
125Kb / 7P
   TRIPLE SCHMITT INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_06 Datasheet
75Kb / 5P
   Triple Schmitt?뭈rigger Inverter
April, 2006 ??Rev. 6
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com