Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7290 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration APW7290 Datasheet HTML 13Page - Anpec Electronics Coropration APW7290 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
10
APW7290
Function Description (Cont.)
Dropout Operation (Cont.)
An important detail to remember is that on resistance of
P-FET switch will increase at low input supply voltage.
Therefore, the user should calculate the power dissipa-
tion when the APW7290 is used at 100% duty cycle with
low input voltage.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7290. When the junction temperature ex-
ceeds 150oC, a thermal sensor turns off the both power
MOSFETs, allowing the devices to cool. The thermal sen-
sor allows the converters to start a soft-start process and
regulate the output voltage again after the junction tem-
perature cools by 30oC. The OTP designed with a 30oC
hysteresis lowers the average Junction Temperature (T
J)
during continuous thermal overload conditions, increas-
ing the life time of the device.
Short-Circuit Protection
When the output is shorted to ground, the frequency of
the oscillator is reduced to about 210 kHz, 1/7 of the nomi-
nal frequency. This frequency fold back ensures that the
inductor current has more time to decay, thereby prevent-
ing runaway. The oscillator’s frequency will progressively
increase to 1.5MHz when V
FB or VOUT rises above 0V.
Low Battery Detection
The low battery detection is used to monitor the battery
voltage and to generate a signal. This function includes
two pins, LBI is the inverting input of the comparator and
LBO is an open drain output (See Block Diagram). When
the LBI voltage drops below the threshold voltage 0.6V,
the open drain device will turn on and LBO becomes low.
The Low battery threshold voltage can be programmed
with a resistive divider from battery to LBI pin to the round.
Since the LBO is an open drain output, it usually requires
an external pull-up resistor.


Similar Part No. - APW7290

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207A ANPEC-APW7207A Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207QBI-TRG ANPEC-APW7207QBI-TRG Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results

Similar Description - APW7290

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com