Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7311 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7311
Description  3A 24V 1.3MHz synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7311 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7311 Datasheet HTML 6Page - Anpec Electronics Coropration APW7311 Datasheet HTML 7Page - Anpec Electronics Coropration APW7311 Datasheet HTML 8Page - Anpec Electronics Coropration APW7311 Datasheet HTML 9Page - Anpec Electronics Coropration APW7311 Datasheet HTML 10Page - Anpec Electronics Coropration APW7311 Datasheet HTML 11Page - Anpec Electronics Coropration APW7311 Datasheet HTML 12Page - Anpec Electronics Coropration APW7311 Datasheet HTML 13Page - Anpec Electronics Coropration APW7311 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Jan., 2013
APW7311
www.anpec.com.tw
10
Application Information (Cont.)
Thermal Consideration
Layout Consideration
In high power switching regulator, a correct layout is
important to ensure proper operation of the regulator. In
general, interconnecting impedance should be minimized
by using short, wide printed circuit traces. Signal and
power grounds are to be kept separating and finally
combined using the ground plane construction or single
point grounding. Figure 3 illustrates the layout, with bold
lines indicating high current paths. Components along
the bold lines should be placed close together. Below is
a checklist for your layout:
1. Begin the layout by placing the power components first.
Orient the power circuitry to achieve a clean power flow
path. If possible, make all the connections on one side of
the PCB with wide, copper filled areas.
2. In Figure 3, the loops with same color bold lines con-
duct high slew rate current. These interconnecting im-
pedances should be minimized by using wide and short
printed circuit traces.
3. Keep the sensitive small signal nodes (FB, COMP)
away from switching nodes (LX or others) on the PCB
and it should be placed near the IC as close as possible.
Therefore, place the feedback divider and the feedback
compensation network close to the IC to avoid switching
noise. Connect the ground of feedback divider directly to
the GND pin of the IC using a dedicated ground trace.
The APW7311 maximum power dissipation depends on
the thermal resistance and temperature difference be-
tween the die junction and ambient air. The power dissi-
pation P
D across the device is:
P
D = (TJ - TA) / θJA
where (T
J-TA) is the temperature difference between the
junction and ambient air.
θ
JA is the thermal resistance
between Junction and ambient air.
For normal operation, do not exceed the maximum junc-
tion temperature rating of T
J = 125
oC. The calculated
power dissipation should less than:
P
D = (125-25)/75=1.33(W) --- (SOP-8P)
4. Place the decoupling ceramic capacitor C1 near the
VIN as close as possible. Use a wide power ground plane
to connect the C1, C2, and Schottky diode to provide a low
impedance path between the components for large and
high slew rate current.
Figure 2. Current Path Diagram
Figure 3. Recommended Layout Diagram
LX
EN
VIN
GND
COMP
U1
APW7301
FB
L1
C2 Load VOUT
BS
R1
R2
Feedback
Divider
C5
R3
Compensation
Network
VIN
C3
C1
+
+
-
-
SOP-8
APW7301
L1
C2
VLX
VIN
VOUT
Ground
Input Capacitor C1 should be
near the IC as close as possible
Sensitive node (FB, COMP) should be away from
switching node(LX) and it should be placed near
the IC with short trace
Power path should be short and wide
Numerous vias connected from
the thermal pad to the
solderside ground plane(s)
should be used to enhance heat
dissipation
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
Ambient Temperature, TA(
oC)
SOP-8P


Similar Part No. - APW7311

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7312KI-TRG ANPEC-APW7312KI-TRG Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7313KAI-TRG ANPEC-APW7313KAI-TRG Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
More results

Similar Description - APW7311

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
   5.5V 2.0A 1.3MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE722G ACE-ACE722G Datasheet
1Mb / 13P
   5V 2.0A, 1.3MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com