Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7313 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7313
Description  3A 24V 340kHz synchronous Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7313 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7313 Datasheet HTML 1Page - Anpec Electronics Coropration APW7313 Datasheet HTML 2Page - Anpec Electronics Coropration APW7313 Datasheet HTML 3Page - Anpec Electronics Coropration APW7313 Datasheet HTML 4Page - Anpec Electronics Coropration APW7313 Datasheet HTML 5Page - Anpec Electronics Coropration APW7313 Datasheet HTML 6Page - Anpec Electronics Coropration APW7313 Datasheet HTML 7Page - Anpec Electronics Coropration APW7313 Datasheet HTML 8Page - Anpec Electronics Coropration APW7313 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Apr., 2013
APW7313
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3A 24V 340kHz synchronous Buck Converter
Features
General Description
Wide Input Voltage from 4.5V to 24V
3A Continuous Output Current
Adjustable Output Voltage from 0.925V to 20V
Intergrated High/Low Side MOSFET
PFM/PWM mode Operation
Fixed 340kHz Switching Frequency
Stable with Low ESR Ceramic Output Capacitors
Power-On-Reset Detection
Programmable Soft-Start
Over-Temperature Protection
Current-Limit Protection with Frequency Foldback
Enable/Shutdown Function
Small SOP-8P Package
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
LCD Monitor/TV
Set-Top Box
DSL, Switch HUB
Notebook Computer
APW7313 is a 3A synchronous buck converter with inte-
grated 110m
Ω power MOSFETs. The APW7313 design
with a current-mode control scheme, can convert wide
input voltage of 4.5V to 24V to the output voltage adjust-
able from 0.925V to 20V to provide excellent output volt-
age regulation.
The APW7313 is equipped with an automatic PFM/PWM
mode operation. At light load, the IC operates in the PFM
mode to reduce the switching losses. At heavy load, the
IC works in PWM.
The APW7313 is also equipped with Power-on-reset, soft-
start, and whole protections (over-temperature, and cur-
rent-limit) into a single package.
This device, available SOP-8P, provides a very compact
system solution external components and PCB area.
Simplified Application Circuit
Pin Configuration
V
OUT
APW7313
V
IN
BS
VIN
LX
GND
1
2
3
4
SS
EN
COMP
FB
8
7
6
5
9
GND
APW7313
SOP-8P
(Top View)
9
Exposed Pad
The pin 4 must be connected to the pin 9 (Exposed Pad)


Similar Part No. - APW7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
   3A 24V 1.3MHz synchronous Buck Converter
APW7311KAI-TRG ANPEC-APW7311KAI-TRG Datasheet
261Kb / 16P
   3A 24V 1.3MHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7312KI-TRG ANPEC-APW7312KI-TRG Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
More results

Similar Description - APW7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
   2A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
   4A 24V 340kHz synchronous Buck Converter
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com