Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7322QBI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7322QBI-TRG
Description  2A, 5V, 1MHz Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7322QBI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7322QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7322QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2013
APW7322/A
www.anpec.com.tw
8
Operating Waveforms
The test condition is APW7322, V
IN=VCC=5V, VOUT=1.8V, COUT =22µFx2, L=2.2µH, TA= 25
oC unless otherwise specified.
Load Transient
Load Transient
Current Limit
Over Voltage Protection
TIME: 20
µs/Div
CH2: IOUT, 1A/Div, DC
CH1: VOUT, 100mV/Div, offset=1.8V
IOUT=100mA-2A-100mA, Slew Rate=1A/
µs
TIME: 20
µs/Div
CH2: IOUT, 1A/Div, DC
CH1: VOUT, 100mV/Div, offset=1.8V
IOUT=1A-2A-1A, Slew Rate=1A/
µs
TIME: 200
µs/Div
CH2: VPOK, 5V/Div, DC
CH1: VOUT ,1V/Div, DC
CH3: IOUT, 2A/Div, DC
TIME: 200
µs/Div
CH2: VPOK, 5V/Div, DC
CH1: VOUT, 1V/Div, DC
CH3: IL, 2A/Div, DC
IOUT=100mA, a 2.5V power source is externally
attached to VOUT
1
VOUT
I
OUT
2
1
VOUT
I
OUT
2
1
V OUT
IOUT
VPOK
2
3
1
VOUT
IL
VPOK
2
3


Similar Part No. - APW7322QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
More results

Similar Description - APW7322QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
   5A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
   5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
logo
ACE Technology Co., LTD...
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
   5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com