Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7323 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7323
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7323 Datasheet HTML 3Page - Anpec Electronics Coropration APW7323 Datasheet HTML 4Page - Anpec Electronics Coropration APW7323 Datasheet HTML 5Page - Anpec Electronics Coropration APW7323 Datasheet HTML 6Page - Anpec Electronics Coropration APW7323 Datasheet HTML 7Page - Anpec Electronics Coropration APW7323 Datasheet HTML 8Page - Anpec Electronics Coropration APW7323 Datasheet HTML 9Page - Anpec Electronics Coropration APW7323 Datasheet HTML 10Page - Anpec Electronics Coropration APW7323 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
7
Operating Waveforms
The test condition is APW7323, V
IN=VCC=5V, VOUT=1.8V, COUT =22µFx2, L=2.2µH, TA= 25
oC unless otherwise specified.
Enable without Loading
Shutdown without Loading
Enable with 1A Loading
Shutdown with 1A Loading
TIME: 1ms/Div
CH2: VOUT, 1V/Div, DC
CH1: VEN, 5V/Div, DC
CH3: VPOK, 5V/Div, DC
CH4: IL, 1A/Div, DC
No load, Enable Power On
TIME: 200
µs/Div
No load ,
Enable Power On
CH2: VOUT, 1V/Div, DC
CH1: VEN, 5V/Div, DC
CH3: VPOK, 5V/Div, DC
CH4: IL, 1A/Div, DC
TIME: 1ms/Div
CH2: VOUT, 1V/Div, DC
CH1: VEN, 5V/Div, DC
CH3: VPOK, 5V/Div, DC
CH4: IL, 1A/Div, DC
IOUT=1A,
Enable Power On
TIME: 100
µs/Div
CH2: VOUT, 1V/Div, DC
CH1: VEN, 5V/Div, DC
CH3: VPOK, 5V/Div, DC
CH4: IL, 1A/Div, DC
IOUT=1A, Enable Power On
1
VOUT
IL
VEN
VPOK
2
3
4
1
VOUT
IL
V
EN
V POK
2
3
4
1
V
OUT
IL
VEN
VPOK
2
3
4
1
V
OUT
IL
VEN
V POK
2
3
4


Similar Part No. - APW7323

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
APW7323KAI-TRG ANPEC-APW7323KAI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
APW7323QBI-TRG ANPEC-APW7323QBI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
More results

Similar Description - APW7323

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
   5A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
logo
Global Mixed-mode Techn...
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
   40V 600mA 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
   40V, 600MA, 1MHz synchronous Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
   40V, 600MA, 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com