Electronic Components Datasheet Search |
|
135D147X0006F2 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
135D147X0006F2 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 14 page 135D www.vishay.com Vishay Revision: 09-Apr-13 7 Document Number: 40024 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 PERFORMANCE CHARACTERISTICS 1. Operating Temperature: Capacitors are designed to operate over a temperature range of - 55 °C to + 200 °C. Note (1)Consult Vishay Sprague for information at + 200 °C. See paragraph 9.3. 2. DC Working Voltage: The DC working voltage is the maximum operating voltage for continuous duty at the rated temperature. 3. Surge Voltage: The surge voltage rating is the maximum voltage to which the capacitors should be subjected under any conditions. This includes transients and peak ripple at the highest line voltage. 3.1 The surge voltage of capacitors is 115 % of rated DC working voltage. 3.2 Surge Voltage Test: Capacitors shall withstand the surge voltage applied through a 1000 ± 10 % resistor in series with the capacitor and voltage source at the rate of one-half minute on, four and one-half minutes off, for 1000 successive test cycles at + 85 °C or + 125 °C. 3.3 Following the surge voltage test, the capacitance at + 25 °C shall not have changed by more than ± 10 % and the equivalent series resistance and DC leakage current will not exceed the values shown in the Standard Ratings table for each capacitor. 4. Capacitance Tolerance: The capacitance of all capacitors shall be within the specified tolerance limits of the nominal rating. 4.1 Measurements shall be made by the bridge method at or referred to a frequency of 120 Hz at a temperature of + 25 °C. The maximum voltage applied to the capacitors during measurement shall be 1 VRMS. Measurement accuracy of the bridge shall be within ± 2 %. 5. Capacitance Change With Temperature: The capacitance change with temperature shall not exceed the values given in the Standard Ratings table for each capacitor. 6. Equivalent Series Resistance: Measurements shall be made by the bridge method at, or referred to, a frequency of 120 Hz at a temperature of + 25 °C. A maximum of 1 VRMS shall be applied during measurement. 6.1 The equivalent series resistance shall not exceed the maximum value in ohms listed in the Standard Ratings table for each capacitor. TYPICAL CURVES OF IMPEDANCE AS A FUNCTION OF FREQUENCY AT VARIOUS TEMPERATURES 0.1 1.0 10 100 100 1K 10K 100K 1M 10M “C” Case 33 μF, 50 V Capacitors + 125 °C + 25 °C - 40 °C - 55 °C - 20 °C + 85 °C Frequency (Hz) 0.1 1.0 10 100 100 1K 10K 100K 1M 10M “K” Case 56 μF, 125 V Capacitors - 55 °C - 40 °C - 20 °C + 125 °C + 25 °C + 85 °C Frequency (Hz) UP TO + 85 °C (V) AT + 125 °C (V) AT + 175 °C (V) AT + 200 °C (V) 6 4 3 (1) 8 5 4 10 7 5 15 10 8 25 15 13 30 20 15 35 23 18 50 30 25 60 40 30 75 50 38 100 65 50 125 85 63 |
Similar Part No. - 135D147X0006F2 |
|
Similar Description - 135D147X0006F2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |