Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZB68 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMZB68
Description  Communication, Control and Measurement Equipment Constant Voltage Regulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZB68 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMZB68 Datasheet HTML 1Page - Toshiba Semiconductor CMZB68 Datasheet HTML 2Page - Toshiba Semiconductor CMZB68 Datasheet HTML 3Page - Toshiba Semiconductor CMZB68 Datasheet HTML 4Page - Toshiba Semiconductor CMZB68 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMZB68~CMZB390
2011-06-20
1
TOSHIBA Zener Diode Silicon Junction
CMZB68~CMZB390
Communication, Control and
Measurement Equipment
Constant Voltage Regulation
• Power dissipation: P = 1.0 W
• Zener voltage: VZ = 68 to 390 V
• Suitable for high-density board assembly due to the use of a small
surface-mount package, M−FLATTM
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P
1.0 (Note 1)
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note :
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature / current / voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Note 1: Ta
= 40°C
Device mounted on a glass-epoxy board
Board size: 50 mm
× 50 mm
Land pattern: 6 mm
× 6 mm
Board thickness: 1.6 mm
Land pattern dimensions for reference only
Unit: mm
ANODE
CATHODE
0.16
1.75
± 0.1
+ 0.2
− 0.1
2.4
JEDEC
JEITA
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)
3.0
1.4
Unit: mm
1.4


Similar Part No. - CMZB68

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
More results

Similar Description - CMZB68

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com