Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7325 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7325
Description  5A 5V 1MHz Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7325 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7325 Datasheet HTML 4Page - Anpec Electronics Coropration APW7325 Datasheet HTML 5Page - Anpec Electronics Coropration APW7325 Datasheet HTML 6Page - Anpec Electronics Coropration APW7325 Datasheet HTML 7Page - Anpec Electronics Coropration APW7325 Datasheet HTML 8Page - Anpec Electronics Coropration APW7325 Datasheet HTML 9Page - Anpec Electronics Coropration APW7325 Datasheet HTML 10Page - Anpec Electronics Coropration APW7325 Datasheet HTML 11Page - Anpec Electronics Coropration APW7325 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2013
APW7325
www.anpec.com.tw
8
Typical Application Circuit
PVDD
VDD
EN
OFF
ON
VIN
5V
LX
FB
GND
APW7325
VOUT
1.8V/5A
COUT
22
µFx2
CIN
22
µF
L1
1
µH
R1
24k
R2
12k
C1
(option)


Similar Part No. - APW7325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW7322AKI-TRG ANPEC-APW7322AKI-TRG Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW7322AQBI-TRG ANPEC-APW7322AQBI-TRG Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW7322KI-TRG ANPEC-APW7322KI-TRG Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW7322QBI-TRG ANPEC-APW7322QBI-TRG Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
More results

Similar Description - APW7325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC9303 E-CMOS-EC9303 Datasheet
230Kb / 8P
   38V 5A Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
   40V 600mA 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
   40V, 600MA, 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com