Electronic Components Datasheet Search |
|
135D857X0008K2 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
135D857X0008K2 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 14 page 135D www.vishay.com Vishay Revision: 09-Apr-13 5 Document Number: 40024 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 15 VDC AT + 85 °C; 10 VDC AT + 125 °C; 9 VDC AT + 200 °C 82 C 135D826X0015C2 3.9 72 2.0 6.0 - 35 + 12 + 16 900 100 C 135D107X0015C2 3.9 72 2.0 9.0 - 44 + 13 + 16 900 270 F 135D277X0015F2 2.5 31 3.0 9.0 - 62 + 16 + 15 1450 390 F 135D397X0015F2 2.5 31 3.0 16.0 - 66 + 16 + 20 1450 680 T 135D687X0015T2 1.8 22 6.0 18.0 - 74 + 20 + 25 1800 820 T 135D827X0015T2 1.8 22 6.0 24.0 - 77 + 20 + 25 1800 1000 K 135D108X0015K2 1.2 17 8.0 32.0 - 77 + 25 + 30 2330 25 VDC AT + 85 °C; 15 VDC AT + 125 °C; 12 VDC AT + 200 °C 47 C 135D476X0025C2 5.2 100 2.0 6.0 - 23 + 12 + 15 800 56 C 135D566X0025C2 4.3 90 2.0 6.0 - 25 + 12 + 15 850 68 C 135D686X0025C2 4.3 90 2.0 9.0 - 40 + 12 + 15 850 180 F 135D187X0025F2 2.7 33 3.0 9.0 - 54 + 13 + 15 1400 270 F 135D277X0025F2 2.7 33 3.0 16.0 - 62 + 13 + 16 1400 390 T 135D397X0025T2 1.8 25 6.0 18.0 - 55 + 18 + 25 1500 470 T 135D477X0025T2 1.8 24 6.0 18.0 - 65 + 18 + 25 1750 560 T 135D567X0025T2 1.8 24 7.0 28.0 - 72 + 20 + 25 1750 680 K 135D687X0025K2 1.2 19 8.0 32.0 - 72 + 25 + 30 2100 820 K 135D827X0025K2 1.3 26 8.0 32.0 - 80 + 25 + 25 - 30 VDC AT + 85 °C; 20 VDC AT + 125 °C; 18 VDC AT + 200 °C 47 C 135D476X0030C2 5.2 100 2.0 6.0 - 23 + 12 + 15 800 56 C 135D566X0030C2 5.2 100 2.0 9.0 - 38 + 12 + 15 800 150 F 135D157X0030F2 2.5 36 3.0 9.0 - 42 + 13 + 15 1200 220 F 135D227X0030F2 2.5 36 3.0 16.0 - 60 + 13 + 16 1200 300 T 135D307X0030T2 2.2 44 3.0 12.0 - 60 + 15 + 15 - 390 T 135D397X0030T2 1.8 25 6.0 18.0 - 55 + 18 + 25 1500 470 T 135D477X0030T2 1.8 25 8.0 32.0 - 65 + 20 + 25 1500 560 K 135D567X0030K2 1.3 20 9.0 36.0 - 65 + 25 + 30 2000 35 VDC AT + 85 °C; 22 VDC AT + 125 °C; 21 VDC AT + 200 °C 39 C 135D396X0035C2 4.1 61 2.0 6.0 - 22 + 12 + 14 820 120 F 135D127X0035F2 2.5 31 3.0 10.0 - 40 + 13 + 15 1315 330 T 135D337X0035T2 1.8 20 6.0 18.0 - 50 + 16 + 25 1640 370 K 135D377X0035K2 1.3 15 9.0 36.0 - 60 + 25 + 30 2040 40 VDC AT + 85 °C; 25 VDC AT + 125 °C; 20 VDC AT + 200 °C 39 C 135D396X0040C2 4.1 61 2.0 6.0 - 22 + 12 + 14 820 220 K 135D227X0040K2 1.6 27 3.0 22.0 - 58 + 23 + 23 1900 370 K 135D377X0040K2 1.5 30 5.0 25.0 - 75 + 25 + 25 1900 470 K 135D477X0040K2 1.3 30 9.0 35.0 - 80 + 25 + 25 - 50 VDC AT + 85 °C; 30 VDC AT + 125 °C; 30 VDC AT + 200 °C 33 C 135D336X0050C2 5.0 135 2.0 9.0 - 29 + 10 + 12 700 100 F 135D107X0050F2 2.8 49 4.0 12.0 - 36 + 13 + 15 1200 120 F 135D127X0050F2 2.5 49 4.0 24.0 - 42 + 12 + 15 1200 270 T 135D277X0050T2 2.0 30 8.0 32.0 - 46 + 20 + 25 1450 330 K 135D337X0050K2 1.5 30 9.0 36.0 - 46 + 25 + 30 1900 EXTENDED RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER (1) MAX. ESR AT + 25 °C 120 Hz ( ) MAX. IMP. AT - 55 °C 120 Hz ( ) MAX. DCL (μA) AT MAX. CAPACITANCE CHANGE (%) AT MAX. RIPPLE 40 kHz IRMS (mA) + 25 °C + 85 °C + 125 °C - 55 °C + 85 °C + 125 °C Note (1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation, and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please consult Ordering Information on first page for proper part number. |
Similar Part No. - 135D857X0008K2 |
|
Similar Description - 135D857X0008K2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |