Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D857X0008K2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 135D857X0008K2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D857X0008K2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 135D857X0008K2 Datasheet HTML 6Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 7Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 8Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 9Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 10Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 11Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 12Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 13Page - Vishay Siliconix 135D857X0008K2 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
10
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GUIDE TO APPLICATION
1. AC Ripple Current: Subjecting a capacitor to an AC
voltage causes an AC current to flow through it. The
amplitude of the current is dependent on the impedance
of the capacitor at the frequency of the applied signal:
where:
I = Ripple current
V = Applied AC voltage
Z = Impedance of capacitor (frequency dependent)
This current causes heating in the capacitor because of
I2R losses (R is the equivalent series resistance at the
applied frequency). This heating or power dissipation, is
one of the limiting factors of the capacitor’s ripple current
rating.
These power dissipation ratings are based on a
calculated + 50 °C internal temperature rise in still air. The
maximum allowable ripple currents given in the Standard
and Extended Ratings tables are based on these ratings
and the maximum equivalent series resistance at that
frequency.
The relationship is written as follows:
where:
P = Maximum power
I = Maximum ripple current
R = Equivalent series resistance
Therefore:
where:
R is in
P is in W
I is in ARMS
2. AC Ripple Voltage: In operation, the peak voltage across
the capacitor (DC working voltage plus peak ripple
voltage) must not exceed the rated working voltage of the
capacitor. The DC component of the applied voltage
should be sufficiently large to prevent polarity reversal in
excess of 3 V at + 85 °C or 2 V at 125 °C.
There will be a point at the lower frequency and
capacitance values when the peak AC voltage will be the
limiting factor on the ripple current - not its heating
effects.
For example:
Given a 25 μF, 8 V capacitor in the “C” case code and
assuming a ripple current application at a frequency of
120 Hz, the total maximum allowable peak to peak
voltage at + 25 °C is:
In order to allow the full swing of 11 Vpp and not exceed
rated forward or rated reverse, a DC bias of 2.5 V is
assumed to be applied.
From the ”Standard Ratings Table”, the maximum ripple
current at 40 kHz is 0.820 A. Compensating for the lower
frequency from the “Ripple Current Multipliers” tables:
This current rating is calculated strictly on the basis of
maximum
power
dissipation.
Now
calculate
what
impressed voltage this amount of current will cause
across this capacitor.
Assuming a sinusoidal voltage, calculate the rated peak
to peak current:
where:
ESR = 4
 (from “Standard Ratings” table)
Therefore:
and
Therefore, the peak voltage of the capacitor is the limiting
factor for the ripple current and can be calculated as
follows:
or
CASE CODE
MAXIMUM PERMISSIBLE
POWER DISSIPATION
AT + 25 °C (W) IN FREE AIR
C1.00
F1.55
T1.75
K1.95
I
V
Z
---
=
PI
2
R
=
I
P
R
----
=
8 V
F + 3 VR
11 V
pp
=
I
RMS (120 Hz)
0.820 A x 0.6
0.492 A
RMS
==
I
pp
I
RMS x 2
2

0.492 x 2.828
1.39 A
pp
=
=
=
V
pp impressed

I
pp x ZC
 120 Hz

=
Z
C120Hz

ESR

2
(X
C(120 Hz)
+


2
=
X
C
1
2
fC
1
2
 120
 25 x 10
-6

53.1
==
=
Z
C
4

2
53.1

2
+
53.3
=
=
V
pp impressed

1.39 A
pp x 53.3 

=
74.1 V
pp
11 V
pp
=
Max. I
pp
V
Cpp allowed

Z
C
-----------------------------------------
11.0 V
53.3
------------------
0.206 A
pp
=
=
=
0.206
22
---------------
0.073 A
RMS at 120 Hz
=


Similar Part No. - 135D857X0008K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D857X0008K2 VISHAY-135D857X0008K2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D857X0008K2 VISHAY-135D857X0008K2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D857X0008K2 VISHAY-135D857X0008K2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D857X0008K2 VISHAY-135D857X0008K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D857X0008K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com