Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D187X0010F2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 135D187X0010F2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D187X0010F2 Datasheet(HTML) 3 Page - Vishay Siliconix

  135D187X0010F2 Datasheet HTML 1Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 2Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 3Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 4Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 5Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 6Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 7Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 8Page - Vishay Siliconix 135D187X0010F2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
3
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT + 85 °C; 10 VDC AT + 125 °C; 9 VDC AT + 200 °C
15
C
135D156X0015C2
4.4
155
1.0
2.0
- 24
+ 10.5
+ 12
780
33
C
135D336X0015C2
4.0
90
1.0
2.0
- 28
+ 14
+ 16
820
70
F
135D706X0015F2
2.8
75
1.0
4.0
- 28
+ 14
+ 16
1150
120
F
135D127X0015F2
2.6
50
1.0
7.0
- 28
+ 17.5
+ 20
1450
170
T
135D177X0015T2
2.4
35
2.0
10.0
- 32
+ 14
+ 16
1480
270
T
135D277X0015T2
2.2
30
2.0
16.0
- 56
+ 17.5
+ 20
1740
540
K
135D547X0015K2
1.0
23
6.0
24.0
- 80
+ 25
+ 25
2330
25 VDC AT + 85 °C; 15 VDC AT + 125 °C; 12 VDC AT + 200 °C
10
C
135D106X0025C2
5.3
220
1.0
2.0
- 16
+ 8
+ 9
715
22
C
135D226X0025C2
4.2
140
1.0
2.0
- 20
+ 10.5
+ 12
800
50
F
135D506X0025F2
3.0
70
1.0
2.0
- 28
+ 13
+ 15
1130
100
F
135D107X0025F2
2.8
50
1.0
10.0
- 28
+ 13
+ 15
1435
120
T
135D127X0025T2
2.6
38
2.0
6.0
- 32
+ 13
+ 15
1450
180
T
135D187X0025T2
2.2
32
2.0
18.0
- 48
+ 13
+ 15
1525
350
K
135D357X0025K2
1.3
24
7.0
28.0
- 70
+ 25
+ 25
1970
30 VDC AT + 85 °C; 20 VDC AT + 125 °C; 18 VDC AT + 200 °C
8
C
135D805X0030C2
6.6
275
1.0
2.0
- 16
+ 8
+ 12
640
15
C
135D156X0030C2
6.2
175
1.0
2.0
- 20
+ 10.5
+ 12
780
22
F
135D226X0030F2
4.6
95
1.0
5.0
- 20
+ 10.5
+ 12
1005
40
F
135D406X0030F2
4.0
65
1.0
5.0
- 24
+ 10.5
+ 12
1120
68
F
135D686X0030F2
2.9
60
1.0
8.0
- 24
+ 13
+ 15
1285
100
T
135D107X0030T2
2.7
40
2.0
12.0
- 28
+ 10.5
+ 12
1450
150
T
135D157X0030T2
2.3
35
2.0
18.0
- 48
+ 13
+ 15
1525
300
K
135D307X0030K2
1.4
25
8.0
32.0
- 60
+ 25
+ 25
1950
35 VDC AT + 85 °C; 22 VDC AT + 125 °C; 21 VDC AT + 200 °C
15
C
135D156X0035C2
6.2
175
0.75
1.5
- 20
+ 10.5
+ 12
660
68
F
135D686X0035F2
2.9
60
1.0
2.0
- 24
+ 13
+ 15
1195
270
K
135D277X0035K2
1.4
26
3.0
12.0
- 58
+ 25
+ 25
1950
50 VDC AT + 85 °C; 30 VDC AT + 125 °C; 30 VDC AT + 200 °C
5
C
135D505X0050C2
8.0
400
1.0
2.0
- 16
+ 5
+ 6
580
10
C
135D106X0050C2
6.4
250
1.0
2.0
- 24
+ 8
+ 9
715
25
F
135D256X0050F2
4.6
95
1.0
5.0
- 20
+ 10.5
+ 12
1005
47
F
135D476X0050F2
3.7
70
1.0
9.0
- 28
+ 13
+ 15
1155
60
T
135D606X0050T2
2.9
45
2.0
12.0
- 16
+ 10.5
+ 12
1335
82
T
135D826X0050T2
2.5
45
2.0
16.0
- 32
+ 13
+ 15
1400
160
K
135D167X0050K2
1.5
27
8.0
32.0
- 50
+ 25
+ 25
1900
60 VDC AT + 85 °C; 40 VDC AT + 125 °C; 36 VDC AT + 200 °C
4
C
135D405X0060C2
9.3
550
1.0
2.0
- 16
+ 5
+ 6
525
8.2
C
135D825X0060C2
6.6
275
1.0
2.0
- 24
+ 8
+ 9
625
20
F
135D206X0060F2
4.7
105
1.0
5.0
- 16
+ 8
+ 9
930
39
F
135D396X0060F2
3.4
90
1.0
9.0
- 28
+ 10.5
+ 15
1110
50
T
135D506X0060T2
2.9
50
2.0
12.0
- 16
+ 10.5
+ 12
1330
68
T
135D686X0060T2
2.5
50
2.0
16.0
- 32
+ 10.5
+ 15
1365
140
K
135D147X0060K2
1.5
28
8.0
32.0
- 40
+ 20
+ 20
1850
75 VDC AT + 85 °C; 50 VDC AT + 125 °C; 45 VDC AT + 200 °C
3.5
C
135D355X0075C2
9.5
650
1.0
2.0
- 16
+ 5
+ 6
525
6.8
C
135D685X0075C2
6.8
300
1.0
2.0
- 20
+ 8
+ 9
610
15
F
135D156X0075F2
5.3
150
1.0
5.0
- 16
+ 8
+ 9
890
33
F
135D336X0075F2
4.2
90
1.0
10.0
- 24
+ 10.5
+ 15
1000
40
T
135D406X0075T2
3.0
60
2.0
12.0
- 16
+ 10.5
+ 12
1250
56
T
135D566X0075T2
2.6
60
2.0
17.0
- 28
+ 10.5
+ 15
1335
110
K
135D117X0075K2
1.5
29
9.0
36.0
- 35
+ 20
+ 20
1850
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. IMP.
AT - 55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
Note
(1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation,
and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please
consult Ordering Information on first page for proper part number.


Similar Part No. - 135D187X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D187X0010F2 VISHAY-135D187X0010F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D187X0010F2 VISHAY-135D187X0010F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D187X0010F2 VISHAY-135D187X0010F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D187X0010F2 VISHAY-135D187X0010F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D187X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com