Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D547X0015K2 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 135D547X0015K2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D547X0015K2 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 135D547X0015K2 Datasheet HTML 6Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 7Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 8Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 9Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 10Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 11Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 12Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 13Page - Vishay Siliconix 135D547X0015K2 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
11
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Verifying that the 40 kHz rating does not exceed the peak
voltage limitations:
where:
and:
thus:
Therefore the impressed voltage is:
and:
Therefore, if the capacitor is biased between - 1.41 VDC
and + 6.41 VDC , it can withstand the rated ripple current,
which is based only on the maximum allowable power
dissipation.
3. Ripple
Current
Multipliers:
The
“Standard
and
Extended Ratings” tables list the maximum permissible
RMS ripple current at 40 kHz for each rating. These
values arebased on the maximum power dissipation
allowed at that frequency.
This ripple current, will cause heating, which adds to the
ambient temperature. The higher ambient temperatures,
voltage derating or current derating is required (see
“Ripple Current Multipliers” tables). Also shown are the
multipliers for ripple currents at various requencies,
caused by the frequency dependence of the (ESR)
equivalent series resistance. (see “Typical ESR as a
Function of Frequency” chart)
I
rated
0.820 A
RMS
=
I
pp rated

0.820 x 2 2
2.32 A
pp
=
=
Z
C (40 kHz)
ESR
40 kHz


2
+ (X
C(40 Hz)


2
=
ESR
40 kHz

4
120 Hz
 x 0.34
=
from Extended Ratings table)
1.36
=

X
C (40 kHz)
1
2
fC
-------------
=
1
2
 x 40 x 10
3
 x 25 x 10
-6

-------------------------------------------------------------------------------
0.159
=
=
Z
C 40kHz

1.36

2
+ 0.159

2
1.37
=
=
V
Cpp
Z
Cpp Ipp
1.37
 x 2.32 A
pp
3.18 V
pp
=
=
=
3.18 V
11 V
TYP. ESR AS A FUNCTION OF FREQUENCY
0
0.2
0.6
0.8
0.4
1.4
1.2
1.0
FREQUENCY (Hz)
10
100
1K
40K 100K
10K
1M
RIPPLE CURRENT MULTIPLIERS (120 Hz to 1 kHz)
% OF + 85 °C
RATED PEAK
VOLTAGE
RIPPLE CURRENT MULTIPLIERS
120 Hz
800 Hz
1 kHz
 - 55 °C
+ 85 °C
+ 125 °C
 - 55 °C
+ 85 °C
+ 125 °C
 - 55 °C
+ 85 °C
+ 125 °C
100
0.60
0.39
-
0.71
0.43
-
0.72
0.45
-
90
0.60
0.46
-
0.71
0.55
-
0.72
0.55
-
80
0.60
0.52
-
0.71
0.62
-
0.72
0.62
-
70
0.60
0.58
-
0.71
0.69
-
0.72
0.70
-
 67
0.60
0.60
0.27
0.71
0.71
0.32
0.72
0.72
0.32
RIPPLE CURRENT MULTIPLIERS (10 kHz to 100 kHz)
% OF + 85 °C
RATED PEAK
VOLTAGE
RIPPLE CURRENT MULTIPLIERS
10 kHz
40 kHz
100 kHz
 - 55 °C
+ 85 °C
+ 125 °C
 - 55 °C
+ 85 °C
+ 125 °C
 - 55 °C
+ 85 °C
+ 125 °C
100
0.88
0.55
-
1.0
0.63
-
1.1
0.69
-
90
0.88
0.67
-
1.0
0.77
-
1.1
0.85
-
80
0.88
0.76
-
1.0
0.87
-
1.1
0.96
-
70
0.88
0.85
-
1.0
0.97
-
1.1
1.07
-
 67
0.88
0.88
0.40
1.0
1.0
0.45
1.1
1.1
0.50


Similar Part No. - 135D547X0015K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D547X0015K2 VISHAY-135D547X0015K2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D547X0015K2 VISHAY-135D547X0015K2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D547X0015K2 VISHAY-135D547X0015K2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D547X0015K2 VISHAY-135D547X0015K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D547X0015K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com