Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8713QBI-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW8713QBI-TRL
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713QBI-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW8713QBI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APW8713QBI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
10
Pin Description
PIN
NO.
NAME
FUNCTION
1
POK
Power-Good Output Pin of PWM. POK is an open-drain output used to indicate the status of the PWM
output voltage. Connect the POK in to +5V through a pull-high resistor.
2
EN
PWM Enable. PWM is enabled when EN=1. When EN=0, PWM is in shutdown.
3
PFM
PFM Selection Input. When the PFM is above high logic level, the Device is in force PWM mode. When the
PFM is below low logic level, the device is in automatic PFM/PWM Mode.
4
AGND
Signal Ground for The IC.
5
FB
Output Voltage Feedback Pin. This pin is connected to the resistive divider that set the desired output
voltage. The POK, UVP, and OVP circuits detect this signal to report output voltage status.
6
TON
This Pin is Allowed to Adjust The Switching Frequency. Connect a resistor RTON from TON pin to VIN pin.
7
NC
No connect.
8, 9, 22
VIN
Battery Voltage Input Pin. VIN powers linear regulators and is also used for the constant on-time PWM
on-time one-shot circuits. Connect VIN to the battery input and bypass with a 1
µF capacitor for noise
interference.
10, 11,
16~18
LX
Junction Point of The High-Side MOSFET Source, Output Filter Inductor and The Low-Side MOSFET Drain
for PWM. Connect this pin to the Source of the high-side MOSFET. LX serves as the lower supply rail for the
UGATE high-side gate driver. LX is the current-sense input for the PWM.
12~15,
19
PGND
Power Ground of The LGATE Low-Side MOSFET Drivers.
20
BOOT
Supply Input for The UGATE Gate Driver and an internal level-shift circuit. Connect to an external capacitor
to create a boosted voltage suitable to drive a logic-level N-channel MOSFET.
21
VCC
Supply Voltage Input Pin for Control Circuitry, Connect +5V from the VCC pin to the GND pin. Decoupling at
least 1
µF of a MLCC capacitor from the VCC pin to the AGND pin.
23
SS
Soft Start Output. Connect a capacitor to GND to set the soft start interval.


Similar Part No. - APW8713QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
   High Input Voltage 6A PWM Converter With Adj. Soft Start
More results

Similar Description - APW8713QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
   High Input Voltage 6A PWM Converter With Adj. Soft Start
APW8802 ANPEC-APW8802 Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com