Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8720BKAI-TRL Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8720BKAI-TRL
Description  Single Buck Voltage Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8720BKAI-TRL Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8720BKAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2012
APW8720B
www.anpec.com.tw
8
Pin Description
PIN
NO.
SOP-8P
TDFN3x3-10
NAME
FUNCTION
1
1
BOOT
This pin provides the bootstrap voltage to the high-side gate driver for driving the
N-channel MOSFET. An external capacitor from PHASE to BOOT, an internal
diode, and the boot supply voltage (9V), generates the bootstrap voltage for the
high-side gate driver (UGATE).
2
2
UGATE
High-side Gate Driver Output. This pin is the gate driver for high-side MOSFET.
3
4
GND
Signal and Power ground. Connecting this pin to system ground.
4
5
LGATE
Low-side Gate Driver Output and Over-Current Setting Input. This pin is the gate
driver for low-side MOSFET. It also used to set the maximum inductor current.
Refer to the section in “Function Description” for detail.
5
6
VCC
Power Supply Input. Connect a nominal 5V to 12V power supply voltage to this
pin. A power-on-reset function monitors the input voltage at this pin. It is
recommended that a decoupling capacitor (1 to 10
µF) is connected to GND for
noise decoupling.
6
7
FB
Feedback Input of Converter. The converter senses feedback voltage via FB and
regulates the FB voltage at 0.8V. Connecting FB with a resistor-divider from the
output sets the output voltage of the converter.
7
8
COMP
This is a multiplexed pin. During soft-start and normal converter operation, this pin
represents the output of the error amplifier. It is used to compensate the regulation
control loop in combination with the FB pin.
Pulling COMP low (VDISABLE = 0.4V max.) will shut down the controller. When the
pull-down device is released, the COMP pin will start to rise. When the COMP pin
rises above the VDISABLE trip point, the APW8720B will begin a new initialization
and soft-start cycle.
8
3
PHASE
This pin is the return path for the high-side gate driver. Connecting this pin to the
high-side MOSFET source and connect a capacitor to BOOT for the bootstrap
voltage. This pin is also used to monitor the voltage drop across the low-side
MOSFET for over-current protection.
9
(Exposed Pad)
11
(Exposed Pad)
GND
Thermal Pad. Connect this pad to the system ground plan for good thermal
conductivity.
-
9
POK
POK is an open drain output used to indicate the status of the output voltage.
Connect the POK pin to 5 to 12V through a pull-high resistor.
-
10
NC
No Connect


Similar Part No. - APW8720BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722A ANPEC-APW8722A Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722AKAI-TRG ANPEC-APW8722AKAI-TRG Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722B ANPEC-APW8722B Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722BKAI-TRG ANPEC-APW8722BKAI-TRG Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8720BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1722 TECHCODE-TD1722 Datasheet
887Kb / 19P
   Single Buck Voltage Mode PWM Controller
TD1720 TECHCODE-TD1720 Datasheet
1Mb / 20P
   Single Buck Voltage Mode PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
   Single Buck Voltage Mode PWM Controller
logo
Anpec Electronics Corop...
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
logo
List of Unclassifed Man...
AP1505 ETC-AP1505 Datasheet
222Kb / 7P
   SINGLE END VOLTAGE MODE PWM CONTROLLER
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com