Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8720BKAI-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW8720BKAI-TRL
Description  Single Buck Voltage Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8720BKAI-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW8720BKAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW8720BKAI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2012
APW8720B
www.anpec.com.tw
9
Block Diagram
Sample
and
Hold
To LGATE
V
ROCSET
Soft-Start
and
Fault Logic
Gate
Control
V
ROCSET
Sense Low Side
Error Amplifier
V
REF
Oscillator
PWM Comparator
UVP
Comparator
Regulator
9V
V
REF
(0.8V typical)
PHASE
UGATE
BOOT
COMP
GND
FB
VCC
Soft-start
Inhibit
I
OCSET
(10µA typical)
LGATE
OVP Comparator
1.25
0.5
0.4V
Disable
VCC
9V
POK
0.9
Power-On-Reset
Delay
Time


Similar Part No. - APW8720BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722A ANPEC-APW8722A Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722AKAI-TRG ANPEC-APW8722AKAI-TRG Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722B ANPEC-APW8722B Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722BKAI-TRG ANPEC-APW8722BKAI-TRG Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8720BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1722 TECHCODE-TD1722 Datasheet
887Kb / 19P
   Single Buck Voltage Mode PWM Controller
TD1720 TECHCODE-TD1720 Datasheet
1Mb / 20P
   Single Buck Voltage Mode PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
   Single Buck Voltage Mode PWM Controller
logo
Anpec Electronics Corop...
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
logo
List of Unclassifed Man...
AP1505 ETC-AP1505 Datasheet
222Kb / 7P
   SINGLE END VOLTAGE MODE PWM CONTROLLER
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com