Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8722KAI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8722KAI-TRG
Description  5V to 12V Single Buck Voltage Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722KAI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8722KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8722KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
7
APW8722/A/B/C/D
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Power On
Power Off
Enable
CH1: VEN, 5V/Div, DC
CH2: VOUT, 500mV/Div, DC
CH3: VPHASE, 10V/Div, DC
TIME: 1ms/Div
Shutdown
CH1: VIN, 5V/Div
CH2: VOUT, 500mV/Div
TIME: 1ms/Div
CH3: VUGATE, 10V/Div
CH3: VUGATE, 10V/Div
CH2: VOUT, 500mV/Div
TIME: 50ms/Div
CH1: VIN, 5V/Div
CH1: VCOMP, 1V/Div
CH2: VOUT, 500mV/Div
TIME: 10ms/Div
CH3: VPHASE, 10V/Div
1
3
2
VIN
VOUT
VUGATE
1
3
2
VIN
VOUT
VUGATE
VCOMP
VOUT
VPHASE
1
3
2
VCOMP
VOUT
VPHASE
1
3
2
RLOAD=12Ω


Similar Part No. - APW8722KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8722KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com