Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8725A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8725A
Description  5V to 12V Synchronous Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8725A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8725A Datasheet HTML 1Page - Anpec Electronics Coropration APW8725A Datasheet HTML 2Page - Anpec Electronics Coropration APW8725A Datasheet HTML 3Page - Anpec Electronics Coropration APW8725A Datasheet HTML 4Page - Anpec Electronics Coropration APW8725A Datasheet HTML 5Page - Anpec Electronics Coropration APW8725A Datasheet HTML 6Page - Anpec Electronics Coropration APW8725A Datasheet HTML 7Page - Anpec Electronics Coropration APW8725A Datasheet HTML 8Page - Anpec Electronics Coropration APW8725A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2010
APW8725A
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -20°C to 70°C, unless otherwise
noted. Typical values are at T
A = 25°C.
APW8725A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS
VFB_UV
FB Under-Voltage Protection Trip Point
Percentage of VREF
45
50
55
%
VFB_OV
FB Over-Voltage Protection Trip Point
VFB rising
115
120
125
%
FB Over-Voltage Protection Hysteresis
-
5
-
%
VOCP_MAX
Built-in Maximum OCP Voltage
300
-
-
mV
IOCSET
OCSET Current Source
19.5
21.5
23.5
µA
SOFT-START
VDISABLE
Shutdown Threshold of VCOMP
-
-
0.6
V
TSS
Internal Soft-Start Interval
(Note 4)
-
1.7
-
ms
Note 4: Guaranteed by design, not production tested.


Similar Part No. - APW8725A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8725A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
   5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com