Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. W005G
Description  1.5 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
W005G - W10G, Rev. A
W005G - W10G
1.5 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.375" (9.5 mm) lead length.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
ã1999 Fairchild Semiconductor Corporation
Features
Surge overload rating: 50 amperes
peak.
Glass passivated junction.
Ideal for printed circuit board.
Reliable low cost construction technique
results in inexpensive product.
Parameter
Device
Units
005G
01G
02G
04G
06G
08G
10G
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage,
total bridge @ rated VR TA = 25
°C
TA = 125
°C
5.0
500
mA
mA
Maximum Forward Voltage Drop,
per bridge
@ 1.0 A
1.0
V
I
2t rating for fusing
t < 8.3 ms
10
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0 V, f = 1.0 MHz
15
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 50
°C
1.5
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
50
A
PD
Total Device Dissipation
Derate above 25
°C
3.47
28
W
mW/
°C
RqJA
Thermal Resistance, Junction to Ambient,** per leg
36
°C/W
RqJL
Thermal Resistance, Junction to Lead,** per leg
11
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Dimensions are in:
inches (mm)
WOB
0.358(9.1)
0.339(8.6) DIA
1.0(25.4)
MIN
1.2(30.5)
MIN
DIA
POS.LEAD
0.217(5.5)
0.197(5.0)
0.032(.81)
0.030(.76)
0.220(5.6)
0.180(4.6)
0.220(5.6)
0.180(4.6)
~
~
+




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB1S0.5 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor
DBL151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
HDBL151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBPC12 15 25 35 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor
S2A1.5 Ampere Glass Passivated Rectifiers 1 2 3 Fairchild Semiconductor
W005GMSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
D2SB05Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
DB154GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP155GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 List of Unclassifed Manufacturers
2W005G2.0 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl