Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03C43 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZG03C43
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG03C43 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZG03C43 Datasheet HTML 1Page - Vishay Siliconix BZG03C43 Datasheet HTML 2Page - Vishay Siliconix BZG03C43 Datasheet HTML 3Page - Vishay Siliconix BZG03C43 Datasheet HTML 4Page - Vishay Siliconix BZG03C43 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZG03C-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 29-Nov-11
3
Document Number: 85593
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Boards for RthJA Definition (Copper Overlay 35 µ)
Fig. 2 - Total Power Dissipation vs. Ambient Temperature
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Non Repetitive Surge Power Dissipation vs.
Pulse Length
Fig. 5 - Thermal Response
2
1.5
25
25
2
10
1
5
94 9313
a)
b)
0
0
0.5
1
1.5
2
2.5
3
3.5
94 9580
25
50
75
100
125
Tamb - Ambient Temperature (°C)
150
R
thJA = 100 K/W
R
thJA = 25 K/W
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9581
VF - Forward Voltage (V)
2.5
0.01
0.1
1
10
10
100
1000
10 000
tp - Pulse Length (ms)
100
94 9582
1
10
100
1000
tp - Pulse Length (s)
94 9583
10-5
10-4
10-3
10-2
10-1
100
101
102
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01


Similar Part No. - BZG03C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C43 VISHAY-BZG03C43 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
logo
EPCOS
BZG03C43 EPCOS-BZG03C43 Datasheet
71Kb / 5P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C43 BILIN-BZG03C43 Datasheet
106Kb / 3P
   ZENER DIODES
logo
Vishay Siliconix
BZG03C43 VISHAY-BZG03C43 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
BZG03C43 VISHAY-BZG03C43 Datasheet
178Kb / 6P
   Zener Diodes
Rev. 1.7, 15-Sep-05
More results

Similar Description - BZG03C43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com