Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8802QBI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8802QBI-TRL
Description  High Input Voltage 8A PWM DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802QBI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8802QBI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8802QBI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW8802
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
POWER-OK INDICATOR
POK in from Lower
(POK Goes High)
87
90
93
%
POK Low Hysteresis
(POK Goes Low)
-
3
-
%
VPOK
POK Threshold
POK out from Normal
(POK Goes Low)
120
125
130
%
IPOK
POK Leakage Current
VPOK=5V
-
0.1
1.0
µA
POK Sink Current
VPOK=0.5V
2.5
7.5
-
mA
POK Enable Delay Time
EN high to POK high
1.4
2.0
2.6
ms
CURRENT SENSE
IOCSET
IOCSET Sourcing Current
9
10
11
µA
TCIOCSET
IOCSET Temperature Coefficient
On The Basis of 25°C
-
4500
-
ppm/
oC
VROCSET
Current-Limit Threshold
Setting Range
VOCSET-GND Voltage, Over All
Temperature
30
-
200
mV
Over Current-Limit
Comparator Offset
(VOCSET-GND-VPGND-LX) Voltage,
VOCSET-GND=60mV
-10
0
10
mV
Negative Over Current-Limit
Comparator Offset
(VOCSET-GND-VPGND- LX) Voltage,
VOCSET-GND=60mV, EN is Floating
-9.5
0.5
10.5
mV
Zero Crossing Comparator
Offset
VPGND- LX Voltage, VEN=3.3V
-9.5
0.5
10.5
mV
PROTECTIONS
VUV
Under-Voltage Protection
Threshold
VFB Falling
60
70
80
%
Under-Voltage Protection
Hysteresis
-
3
-
%
Under-Voltage Debounce
Interval
-
16
-
µs
Under-Voltage Protection
Enable Delay
EN High to UVP Workable
1.4
2
2.6
ms
VOVR
Over-Voltage Protection Rising
Threshold
120
125
130
%
Over-Voltage Protection
Propagation Delay
VFB Rising, DV=10mV
-
1.5
-
µs
TOTR
Over-Temperature Protection
Rising Threshold
(Note 4)
-
160
-
oC
Over-Temperature Protection
Hysteresis
(Note 4)
-
25
-
oC
Refer to the typical application circuits. These specifications apply over V
CC=5V, VPVCC=5V, and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.
Note 4: Guaranteed by design.


Similar Part No. - APW8802QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8804KBI-TRG ANPEC-APW8804KBI-TRG Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8804QBI-TRG ANPEC-APW8804QBI-TRG Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
APW8805AQBI-TRG ANPEC-APW8805AQBI-TRG Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
More results

Similar Description - APW8802QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
   High Voltage Input DC-to-DC Converter
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
   High Voltage Input DC-to-DC Converter
logo
PULS GmbH
CD5.121 PULS-CD5.121 Datasheet
599Kb / 22P
   DC/DC Converter 12V, 8A
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
   High Input Voltage 8A PWM Converter With Adj. Soft Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_15 Datasheet
216Kb / 7P
   PWM DC-DC CONVERTER
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
New Japan Radio
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com