Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D225(1)020A(2) Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 293D225(1)020A(2)
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D225(1)020A(2) Datasheet(HTML) 4 Page - Vishay Siliconix

  293D225(1)020A(2) Datasheet HTML 1Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 2Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 3Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 4Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 5Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 6Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 7Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 8Page - Vishay Siliconix 293D225(1)020A(2) Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 21-Mar-13
4
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT + 85 °C; 4 VDC AT 125 °C
1.5
A
293D155(1)6R3A(2)
0.5
6
2.90
0.16
2.2
A
293D225(1)6R3A(2)
0.5
6
7.60
0.10
3.3
A
293D335(1)6R3A(2)
0.5
6
6.30
0.11
3.3
B
293D335(1)6R3B(2)
0.5
6
5.50
0.12
4.7
A
293D475(1)6R3A(2)
0.5
6
5.50
0.12
4.7
B
293D475(1)6R3B(2)
0.5
6
4.40
0.14
6.8
A
293D685(1)6R3A(2)
0.5
6
5.00
0.12
6.8
B
293D685(1)6R3B(2)
0.5
6
3.40
0.16
10
A
293D106(1)6R3A(2)
0.6
6
3.40
0.15
10
B
293D106(1)6R3B(2)
0.6
6
2.90
0.17
10
C
293D106(1)6R3C(2)
0.6
6
3.00
0.19
15
A
293D156(1)6R3A(2)
0.9
6
2.90
0.16
15
B
293D156(1)6R3B(2)
0.9
6
2.50
0.18
15
C
293D156(1)6R3C(2)
0.9
6
1.80
0.25
22
A
293D226(1)6R3A(2)
1.3
6
2.90
0.16
22
B
293D226(1)6R3B(2)
1.3
6
2.00
0.21
22
C
293D226(1)6R3C(2)
1.3
6
1.80
0.25
33
A
293D336(1)6R3A(2)
2.0
14
2.50
0.17
33
B
293D336(1)6R3B(2)
2.0
6
1.90
0.21
33
C
293D336(1)6R3C(2)
2.0
6
1.50
0.27
47
A
293D476(1)6R3A(2)
2.8
12
1.60
0.22
47
B
293D476(1)6R3B(2)
2.8
6
1.90
0.21
47
C
293D476(1)6R3C(2)
2.8
6
1.40
0.28
47
D
293D476(1)6R3D(2)
2.8
6
0.80
0.43
68
B
293D686(1)6R3B(2)
4.1
6
1.80
0.22
68
C
293D686(1)6R3C(2)
4.1
6
0.80
0.37
68
D
293D686(1)6R3D(2)
4.1
6
0.70
0.46
100
B
293D107(1)6R3B(2)
6.0
15
1.70
0.22
100
C
293D107(1)6R3C(2)
6.0
6
0.80
0.37
100
D
293D107(1)6R3D(2)
6.0
6
0.70
0.46
100
E
293D107(1)6R3E(2)
6.0
8
0.70
0.49
120
D
293D127(1)6R3D(2)
6.3
8
0.70
0.46
150
C
293D157(1)6R3C(2)
9.0
8
0.70
0.40
150
D
293D157(1)6R3D(2)
9.0
8
0.60
0.50
150
E
293D157(1)6R3E(2)
9.0
8
0.50
0.57
220
C
293D227(1)6R3C(2)
13.9
14
0.70
0.39
220
D
293D227(1)6R3D(2)
13.2
8
0.60
0.50
220
E
293D227(1)6R3E(2)
13.2
8
0.50
0.57
330
D
293D337(1)6R3D(2)
19.8
8
0.60
0.50
330
E
293D337(1)6R3E(2)
19.8
8
0.50
0.57
470
D
293D477(1)6R3D(2)
28.2
14
0.50
0.55
470
E
293E477(1)6R3E(2)
28.2
10
1.50
0.57
680
E
293D687(1)6R3E(2)
42.8
20
0.50
0.57
1000
E
293D108X06R3E(2)
63.0
30
0.40
0.64
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
(3) Lead (Pb)-free terminations and packaging codes: 2TE3, 2WE3


Similar Part No. - 293D225(1)020A(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D225004A VISHAY-293D225004A Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D225004A VISHAY-293D225004A Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225004A VISHAY-293D225004A Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D2251004A2 VISHAY-293D2251004A2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D2251004A2 VISHAY-293D2251004A2 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
More results

Similar Description - 293D225(1)020A(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com