Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8812 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8812 Datasheet HTML 1Page - Anpec Electronics Coropration APW8812 Datasheet HTML 2Page - Anpec Electronics Coropration APW8812 Datasheet HTML 3Page - Anpec Electronics Coropration APW8812 Datasheet HTML 4Page - Anpec Electronics Coropration APW8812 Datasheet HTML 5Page - Anpec Electronics Coropration APW8812 Datasheet HTML 6Page - Anpec Electronics Coropration APW8812 Datasheet HTML 7Page - Anpec Electronics Coropration APW8812 Datasheet HTML 8Page - Anpec Electronics Coropration APW8812 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Thermal Characteristics (Note 2)
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient
52
θ
JC
Thermal Resistance - Junction to Case
7
oC/W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note 2:
θ
JA and θJC are measured with the component mounted on a high effective thermal conductivity test board in free air. The
thermal pad of package is soldered directly on the PCB.
Symbol
Parameter
Rating
Unit
VIN
Input Power Voltage (VIN to GND)
-0.3 ~ 28
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 35
V
VUG-PHASE
UGATE Voltage (UGATE to PHASE)
<400ns pulse width
>400ns pulse width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
VLG-GND
LGATE Voltage (LGATE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ VLDO5+0.3
-0.3 ~ VLDO5+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ 35
-0.3 ~ 28
V
All Other Pins (LDOx, FBx, VOUTx, LDO5, LDO3, REF, VCLK, EN
LDO, ENILIMx to GND)
-0.3 ~ 6
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
PWM1/2 Converter Input Voltage
6 ~ 25
V
VOUT1
PWM1 Converter Output Voltage
2 ~ 5.5
V
VOUT2
PWM2 Converter Output Voltage
2 ~ 5.5
V
CIN
PWM1/2 Converter Input Capacitor (MLCC)
10 ~
µF
CLDO
LDO Output Capacitor (MLCC)
2.2 ~
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC


Similar Part No. - APW8812

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813A ANPEC-APW8813A Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813AQBI-TRG ANPEC-APW8813AQBI-TRG Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8812

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com