Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W01G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # W01G
Description  1.5 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

W01G Datasheet(HTML) 1 Page - Fairchild Semiconductor

  W01G Datasheet HTML 1Page - Fairchild Semiconductor W01G Datasheet HTML 2Page - Fairchild Semiconductor W01G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
W005G - W10G, Rev. A
W005G - W10G
1.5 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.375" (9.5 mm) lead length.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
ã1999 Fairchild Semiconductor Corporation
Features
Surge overload rating: 50 amperes
peak.
Glass passivated junction.
Ideal for printed circuit board.
Reliable low cost construction technique
results in inexpensive product.
Parameter
Device
Units
005G
01G
02G
04G
06G
08G
10G
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage,
total bridge @ rated VR TA = 25
°C
TA = 125
°C
5.0
500
mA
mA
Maximum Forward Voltage Drop,
per bridge
@ 1.0 A
1.0
V
I
2t rating for fusing
t < 8.3 ms
10
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0 V, f = 1.0 MHz
15
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 50
°C
1.5
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
50
A
PD
Total Device Dissipation
Derate above 25
°C
3.47
28
W
mW/
°C
RqJA
Thermal Resistance, Junction to Ambient,** per leg
36
°C/W
RqJL
Thermal Resistance, Junction to Lead,** per leg
11
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Dimensions are in:
inches (mm)
WOB
0.358(9.1)
0.339(8.6) DIA
1.0(25.4)
MIN
1.2(30.5)
MIN
DIA
POS.LEAD
0.217(5.5)
0.197(5.0)
0.032(.81)
0.030(.76)
0.220(5.6)
0.180(4.6)
0.220(5.6)
0.180(4.6)
~
~
+


Similar Part No. - W01G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W01G PANJIT-W01G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W01G TSC-W01G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Vishay Siliconix
W01G VISHAY-W01G Datasheet
84Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
logo
Won-Top Electronics
W01G WTE-W01G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
W01G PANJIT-W01G Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
More results

Similar Description - W01G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S2A FAIRCHILD-S2A Datasheet
38Kb / 3P
   1.5 Ampere Glass Passivated Rectifiers
logo
Microdiode Electronics ...
MDDDB151S CHENDA-MDDDB151S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.5 Ampere
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
DB151G FOSTER-DB151G Datasheet
1Mb / 3P
   1.5 Amps Glass passivated Bridge Rectifiers
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
   1.5 Ampere Bridge Rectifiers
KBP005M FAIRCHILD-KBP005M Datasheet
323Kb / 3P
   1.5 Ampere Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBJ5006 THINKISEMI-GBJ5006 Datasheet
443Kb / 2P
   50.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ15005 THINKISEMI-GBJ15005 Datasheet
672Kb / 2P
   15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com