Selected language     English  Ôľ╝


W01G Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. W01G
Description  1.5 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
W005G - W10G, Rev. A
Glass Passivated Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
25
50
75
100
125
150
175
0
0.5
1
1.5
2
AMBIENT TEMPERATURE ( C)
┬║
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
20
FORWARD VOLTAGE (V)
Pulse Width = 300
┬Ás
2% Duty Cycle
T = 25 C
┬║
A
Reverse Characteristics
0
204060
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
┬║
A
T = 100 C
┬║
A




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB1S0.5 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor
DBL151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
HDBL151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBPC12 15 25 35 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor
S2A1.5 Ampere Glass Passivated Rectifiers 1 2 3 Fairchild Semiconductor
W005GMSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
D2SB05Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
DB154GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP155GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 List of Unclassifed Manufacturers
2W005G2.0 Ampere Glass Passivated Bridge Rectifiers 1 2 3 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl