Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8813A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW8813A
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW8813A Datasheet HTML 7Page - Anpec Electronics Coropration APW8813A Datasheet HTML 8Page - Anpec Electronics Coropration APW8813A Datasheet HTML 9Page - Anpec Electronics Coropration APW8813A Datasheet HTML 10Page - Anpec Electronics Coropration APW8813A Datasheet HTML 11Page - Anpec Electronics Coropration APW8813A Datasheet HTML 12Page - Anpec Electronics Coropration APW8813A Datasheet HTML 13Page - Anpec Electronics Coropration APW8813A Datasheet HTML 14Page - Anpec Electronics Coropration APW8813A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
11
Typical Operating Characteristics
Output Current vs. Switching Frequency
Output Current vs. Switching
Frequency
Output Current vs. Switching
Frequency
Output Current vs. Switching
Frequency
Output Current vs. Switching
Frequency
0
100
200
300
400
500
0.001
0.01
0.1
1
10
Output Current (A)
DDRII, VIN=8V, VDDQ=1.8V, S5=5V, S3=GND
0
100
200
300
400
0.001
0.01
0.1
1
10
Output Current (A)
DDRII, VIN=12V, VDDQ=1.8V, S5=5V, S3=GND
500
0
100
200
300
400
0.001
0.01
0.1
1
10
Output Current (A)
DDRIII, VIN=8V, VDDQ=1.5V, S5=5V, S3=GND
0
100
200
300
400
500
0.001
0.01
0.1
1
10
Output Current (A)
DDRIII, VIN=12V, VDDQ=1.5V, S5=5V, S3=GND
Output Current vs. Switching Frequency
0
100
200
300
400
500
0.001
0.01
0.1
1
10
Output Current (A)
DDRII, VIN=20V, VDDQ=1.8V, S5=5V, S3=GND
600
0
100
200
300
400
500
0.001
0.01
0.1
1
10
Output Current (A)
700
600
DDRIII, VIN=20V, VDDQ=1.5V, S5=5V, S3=GND


Similar Part No. - APW8813A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
More results

Similar Description - APW8813A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
   DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
   DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com