Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23B36-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AZ23B36-V
Description  Small Signal Zener Diodes, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23B36-V Datasheet(HTML) 2 Page - Vishay Siliconix

  AZ23B36-V Datasheet HTML 1Page - Vishay Siliconix AZ23B36-V Datasheet HTML 2Page - Vishay Siliconix AZ23B36-V Datasheet HTML 3Page - Vishay Siliconix AZ23B36-V Datasheet HTML 4Page - Vishay Siliconix AZ23B36-V Datasheet HTML 5Page - Vishay Siliconix AZ23B36-V Datasheet HTML 6Page - Vishay Siliconix AZ23B36-V Datasheet HTML 7Page - Vishay Siliconix AZ23B36-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AZ23-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-11
2
Document Number: 85759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Tested with pulses tp = 5 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
VR at IR
ZZ at IZT1 ZZK at IZT2
αVZ at IZT
V
mA
V
nA
Ω
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
AZ23C2V7-V
D1
2.5
2.7
2.9
5
1
-
-
75 (< 83)
< 500
- 9
- 4
AZ23C3V0-V
D2
2.8
3.0
3.2
5
1
-
-
80 (< 95)
< 500
- 9
- 3
AZ23C3V3-V
D3
3.1
3.3
3.5
5
1
-
-
80 (< 95)
< 500
- 8
- 3
AZ23C3V6-V
D4
3.4
3.6
3.8
5
1
-
-
80 (< 95)
< 500
- 8
- 3
AZ23C3V9-v
D5
3.7
3.9
4.1
5
1
-
-
80 (< 95)
< 500
- 7
- 3
AZ23C4V3-V
D6
4
4.3
4.6
5
1
-
-
80 (< 95)
< 500
- 6
- 1
AZ23C4V7-V
D7
4.4
4.7
5
5
1
-
-
70 (< 78)
< 500
- 5
2
AZ23C5V1-V
D8
4.8
5.1
5.4
5
1
> 0.8
100
30 (< 60)
< 480
- 3
4
AZ23C5V6-V
D9
5.2
5.6
6
5
1
> 1
100
10 (< 40)
< 400
- 2
6
AZ23C6V2-V
D10
5.8
6.2
6.6
5
1
> 2
100
4.8 (< 10)
< 200
- 1
7
AZ23C6V8-V
D11
6.4
6.8
7.2
5
1
> 3
100
4.5 (< 8)
< 150
2
7
AZ23C7V5-V
D12
7
7.5
7.9
5
1
> 5
100
4 (< 7)
< 50
- 3
7
AZ23C8V2-V
D13
7.7
8.2
8.7
5
1
> 6
100
4.5 (< 7)
< 50
4
7
AZ23C9V1-V
D14
8.5
9.1
9.6
5
1
> 7
100
4.8 (< 10)
< 50
5
8
AZ23C10-V
D15
9.4
10
10.6
5
1
> 7.5
100
5.2 (< 15)
< 70
5
8
AZ23C11-V
D16
10.4
11
11.6
5
1
> 8.5
100
6 (< 20)
< 70
5
9
AZ23C12-V
D17
11.4
12
12.7
5
1
> 9
100
7 (< 20)
< 90
6
9
AZ23C13-V
D18
12.4
13
14.1
5
1
> 10
100
9 (< 25)
< 110
7
9
AZ23C15-V
D19
13.8
15
15.6
5
1
> 11
100
11 (< 30)
< 110
7
9
AZ23C16-V
D20
15.3
16
17.1
5
1
> 12
100
13 (< 40)
< 170
8
9.5
AZ23C18-V
D21
16.8
18
19.1
5
1
> 14
100
18 (< 50)
< 170
8
9.5
AZ23C20-V
D22
18.8
20
21.2
5
1
> 15
100
20 (< 50)
< 220
8
10
AZ23C22-V
D23
20.8
22
23.3
5
1
> 17
100
25 (< 55)
< 220
8
10
AZ23C24-V
D24
22.8
24
25.6
5
1
> 18
100
28 (< 80)
< 220
8
10
AZ23C27-V
D25
25.1
27
28.9
5
1
> 20
100
30 (< 80)
< 250
8
10
AZ23C30-V
D26
28
30
32
5
1
> 22.5
100
35 (< 80)
< 250
8
10
AZ23C33-V
D27
31
33
35
5
1
> 25
100
40 (< 80)
< 250
8
10
AZ23C36-V
D28
34
36
38
5
1
> 27
100
40 (< 90)
< 250
8
10
AZ23C39-V
D29
37
39
41
5
1
> 29
100
50 (< 90)
< 300
10
12
AZ23C43-V
D30
40
43
46
5
1
> 32
100
60 (< 100)
< 700
10
12
AZ23C47-V
D31
44
47
50
5
1
> 35
100
70 (< 100)
< 750
10
12
AZ23C51-V
D32
48
51
54
5
1
> 38
100
70 (< 100)
< 750
10
12


Similar Part No. - AZ23B36-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23B36-V VISHAY-AZ23B36-V Datasheet
190Kb / 9P
   Small Signal Zener Diodes, Dual
Rev. 1.5, 24-Mar-06
AZ23B36-V VISHAY-AZ23B36-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23B36-V-G VISHAY-AZ23B36-V-G Datasheet
116Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.2, 31-Aug-11
More results

Similar Description - AZ23B36-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com