Electronic Components Datasheet Search |
|
135D175X0125C2 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
135D175X0125C2 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 14 page 135D www.vishay.com Vishay Revision: 09-Apr-13 6 Document Number: 40024 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 60 VDC AT + 85 °C; 40 VDC AT + 125 °C; 36 VDC AT + 200 °C 18 C 135D186X0060C2 7.0 160 2.0 12.0 - 20 + 7 + 8 700 27 C 135D276X0060C2 5.0 144 3.0 12.0 - 24 + 10 + 12 700 82 F 135D826X0060F2 2.9 54 4.0 16.0 - 30 + 15 + 15 1100 100 F 135D107X0060F2 2.5 54 4.0 20.0 - 36 + 12 + 15 1100 220 T 135D227X0060T2 1.8 29 8.0 32.0 - 40 + 16 + 20 1400 270 K 135D277X0060K2 1.4 23 9.0 36.0 - 45 + 20 + 25 1850 330 K 135D337X0060K2 1.3 31 10.0 40.0 - 72 + 25 + 25 1850 63 VDC AT + 85 °C; 40 VDC AT + 125 °C; 31 VDC AT + 200 °C 10 C 135D106X0063C2 5.3 250 1.0 2.0 - 20 + 8 + 9 715 27 C 135D276X0063C2 5.0 144 3.0 12.0 - 24 + 10 + 12 700 100 F 135D107X0063F2 2.5 54 2.0 12.0 - 36 + 12 + 15 1100 75 VDC AT + 85 °C; 50 VDC AT + 125 °C; 45 VDC AT + 200 °C 5.6 C 135D565X0075C2 14.2 475 2.0 5.0 - 17 + 8 + 8 600 12 C 135D126X0075C2 5.1 157 3.0 12.0 - 19 + 10 + 12 600 22 C 135D226X0075C2 5.1 157 3.0 12.0 - 19 + 10 + 12 600 68 F 135D686X0075F2 3.0 63 4.0 16.0 - 25 + 12 + 15 1000 82 F 135D826X0075F2 2.5 63 4.0 24.0 - 30 + 12 + 15 1000 110 F 135D117X0075F2 2.5 54 4.0 20.0 - 36 + 12 + 15 1100 180 T 135D187X0075T2 2.2 30 9.0 36.0 - 35 + 16 + 20 1300 220 K 135D227X0075K2 1.8 24 10.0 40.0 - 40 + 20 + 25 1800 300 K 135D307X0075K2 1.8 32 12.0 48.0 - 60 + 22 + 22 2000 100 VDC AT + 85 °C; 65 VDC AT + 125 °C; 60 VDC AT + 200 °C 10 C 135D106X0100C2 5.9 200 3.0 12.0 - 17 + 10 + 12 800 56 C 135D565X0100C2 14 475 2.0 5.0 - 17 + 8 + 8 - 56 T 135D566X0100T2 2.4 50 5.0 20.0 - 25 + 12 + 12 1400 39 F 135D396X0100F2 3.5 80 5.0 24.0 - 20 + 12 + 15 1300 47 T 135D476X0100T2 2.5 70 2.0 10.0 - 23 + 10 + 10 - 68 T 135D686X0100T2 2.2 40 10.0 40.0 - 30 + 14 + 16 1600 120 K 135D127X0100K2 2.7 30 12.0 48.0 - 35 + 15 + 17 2000 125 VDC AT + 85 °C; 85 VDC AT + 125 °C; 75 VDC AT + 200 °C 3.9 C 135D395X0125C2 20.4 557 2.0 5.0 - 16 + 7 + 8 - 6.8 C 135D685X0125C2 11.7 300 3.0 12.0 - 14 + 10 + 12 700 15 F 135D156X0125F2 5.3 167 1.0 7.0 - 16 + 7 + 8 1200 27 F 135D276X0125F2 3.5 90 5.0 24.0 - 18 + 12 + 15 1200 47 T 135D476X0125T2 2.2 50 10.0 40.0 - 26 + 14 + 16 1500 56 T 135D566X0125T2 2.2 50 10.0 40.0 - 26 + 14 + 16 1500 68 K 135D686X0125K2 2.2 32 11.0 44.0 - 28 + 15 + 16 1850 82 K 135D826X0125K2 2.8 32 12.0 48.0 - 30 + 15 + 17 1900 EXTENDED RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER (1) MAX. ESR AT + 25 °C 120 Hz ( ) MAX. IMP. AT - 55 °C 120 Hz ( ) MAX. DCL (μA) AT MAX. CAPACITANCE CHANGE (%) AT MAX. RIPPLE 40 kHz IRMS (mA) + 25 °C + 85 °C + 125 °C - 55 °C + 85 °C + 125 °C Note (1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation, and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please consult Ordering Information on first page for proper part number. |
Similar Part No. - 135D175X0125C2 |
|
Similar Description - 135D175X0125C2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |